Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F5111JAGNE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F5111JAGNE
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5111JAGNE Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F5111JAGNE Datasheet HTML 3Page - Renesas Technology Corp R5F5111JAGNE Datasheet HTML 4Page - Renesas Technology Corp R5F5111JAGNE Datasheet HTML 5Page - Renesas Technology Corp R5F5111JAGNE Datasheet HTML 6Page - Renesas Technology Corp R5F5111JAGNE Datasheet HTML 7Page - Renesas Technology Corp R5F5111JAGNE Datasheet HTML 8Page - Renesas Technology Corp R5F5111JAGNE Datasheet HTML 9Page - Renesas Technology Corp R5F5111JAGNE Datasheet HTML 10Page - Renesas Technology Corp R5F5111JAGNE Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
R01DS0190EJ0100 Rev.1.00
Page 7 of 107
Jun 19, 2013
RX111 Group
1. Overview
Note: • Orderable part numbers are current as of when this manual was published. Please make sure to refer the relevant product page
on the Renesas website for the latest part numbers.
RX111
R5F51115ADFM
R5F51115ADFM#30
PLQP0064KB-A
128 Kbytes
16 Kbytes
8 Kbytes
32 MHz
40 to +85°C
R5F51115ADFK
R5F51115ADFK#30
PLQP0064GA-A
R5F51115ADLF
R5F51115ADLF#U0
PWLG0064KA-A
R5F51115ADFL
R5F51115ADFL#30
PLQP0048KB-A
R5F51115ADNE
R5F51115ADNE#V0
PVQN0048KA-A
R5F51114ADFM
R5F51114ADFM#30
PLQP0064KB-A
96 Kbytes
R5F51114ADFK
R5F51114ADFK#30
PLQP0064GA-A
R5F51114ADLF
R5F51114ADLF#U0
PWLG0064KA-A
R5F51114ADFL
R5F51114ADFL#30
PLQP0048KB-A
R5F51114ADNE
R5F51114ADNE#V0
PWQN0048KB-A
R5F51113ADFM
R5F51113ADFM#30
PLQP0064KB-A
64 Kbytes
10 Kbytes
R5F51113ADFK
R5F51113ADFK#30
PLQP0064GA-A
R5F51113ADLF
R5F51113ADLF#U0
PWLG0064KA-A
R5F51113ADFL
R5F51113ADFL#30
PLQP0048KB-A
R5F51113ADNE
R5F51113ADNE#V0
PWQN0048KB-A
R5F51113ADLM
R5F51113ADLM#U0
PWLG0036KA-A
R5F51113ADNF
R5F51113ADNF#V0
PWQN0040KC-A
R5F51111ADFM
R5F51111ADFM#30
PLQP0064KB-A
32 Kbytes
R5F51111ADFK
R5F51111ADFK#30
PLQP0064GA-A
R5F51111ADLF
R5F51111ADLF#U0
PWLG0064KA-A
R5F51111ADFL
R5F51111ADFL#30
PLQP0048KB-A
R5F51111ADNE
R5F51111ADNE#V0
PWQN0048KB-A
R5F51111ADLM
R5F51111ADLM#U0
PWLG0036KA-A
R5F51111ADNF
R5F51111ADNF#V0
PWQN0040KC-A
R5F5111JADFM
R5F5111JADFM#30
PLQP0064KB-A
16 Kbytes
8 Kbytes
R5F5111JADFK
R5F5111JADFK#30
PLQP0064GA-A
R5F5111JADLF
R5F5111JADLF#U0
PWLG0064KA-A
R5F5111JADFL
R5F5111JADFL#30
PLQP0048KB-A
R5F5111JADNE
R5F5111JADNE#V0
PWQN0048KB-A
R5F5111JADLM
R5F5111JADLM#U0
PWLG0036KA-A
R5F5111JADNF
R5F5111JADNF#V0
PWQN0040KC-A
Table 1.3
List of Products (2/2)
Group
Part No.
Orderable Part No.
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Maximum
Operating
Frequency
Operating
Temperature


Similar Part No. - R5F5111JAGNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F5111JAGNE RENESAS-R5F5111JAGNE Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
R5F5111JAGNE RENESAS-R5F5111JAGNE Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R5F5111JAGNE RENESAS-R5F5111JAGNE Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
R5F5111JAGNE#UA RENESAS-R5F5111JAGNE#UA Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
R5F5111JAGNEUA RENESAS-R5F5111JAGNEUA Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory, USB 2.0 full-speed host/function/OTG, up to 6 comms channels, 12-bit A/D, 8-bit D/A, RTC
May 31, 2016
More results

Similar Description - R5F5111JAGNE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
   32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
   32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
   32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX110 RENESAS-RX110 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS up to 128 Kbytes of flash memory, up to 5 comms channels, 12-bit A/D, RTC
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
   32 MHz 32-bit RX MCUs, 50 DMIPS
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
   32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
   50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
   54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com