Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60A01RDPD-A0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJH60A01RDPD-A0
Description  600V - 5A - IGBT Application: Inverter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60A01RDPD-A0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJH60A01RDPD-A0 Datasheet HTML 1Page - Renesas Technology Corp RJH60A01RDPD-A0 Datasheet HTML 2Page - Renesas Technology Corp RJH60A01RDPD-A0 Datasheet HTML 3Page - Renesas Technology Corp RJH60A01RDPD-A0 Datasheet HTML 4Page - Renesas Technology Corp RJH60A01RDPD-A0 Datasheet HTML 5Page - Renesas Technology Corp RJH60A01RDPD-A0 Datasheet HTML 6Page - Renesas Technology Corp RJH60A01RDPD-A0 Datasheet HTML 7Page - Renesas Technology Corp RJH60A01RDPD-A0 Datasheet HTML 8Page - Renesas Technology Corp RJH60A01RDPD-A0 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R07DS1091EJ0100 Rev.1.00
Page 1 of 8
Jul 04, 2013
Preliminary Datasheet
RJH60A01RDPD-A0
600V - 5A - IGBT
Application: Inverter
Features
• Reverse conducting IGBT with monolithic diode
• Short circuit withstand time (5 μs typ.)
• Low collector to emitter saturation voltage
VCE(sat) = 1.9 V typ. (at IC = 5 A, VGE = 15 V, Ta = 25°C)
• Built-in fast recovery diode (t
rr = 100 ns typ.) in one package
• Trench gate and thin wafer technology
• High speed switching
tf = 85 ns typ. (at VCC = 300 V, VGE = 15 V, IC = 5 A, Rg = 5
Ω, Ta = 25°C, inductive load)
Outline
1. Gate
2. Collector
3. Emitter
4. Collector
C
G
E
RENESAS Package code: PRSS0004ZK-A
(Package name : TO-252A)
1
3
2
4
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage / diode reverse voltage
VCES / VR
600
V
Gate to emitter voltage
VGES
±30
V
Collector current
Tc = 25°C
IC
10
A
Tc = 100°C
IC
5
A
Collector peak current
IC(peak)
Note1
15
A
Collector to emitter diode forward current
IDF
5
A
Collector to emitter diode forward peak current
IDF(peak)
Note1
15
A
Collector dissipation
PC
Note2
29.4
W
Junction to case thermal resistance
θj-c
Note2
4.25
°C/ W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 μs, duty cycle ≤ 1%
2. Value at Tc = 25
°C
R07DS1091EJ0100
Rev.1.00
Jul 04, 2013


Similar Part No. - RJH60A01RDPD-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60A01RDPD-A0 RENESAS-RJH60A01RDPD-A0_15 Datasheet
162Kb / 9P
   600V - 5A - IGBT
More results

Similar Description - RJH60A01RDPD-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60A81RDPD-A0 RENESAS-RJH60A81RDPD-A0 Datasheet
189Kb / 9P
   600V - 5A - IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_15 Datasheet
108Kb / 10P
   600V - 12A - IGBT Application: Inverter
RJH60D6DPQ-E0 RENESAS-RJH60D6DPQ-E0 Datasheet
108Kb / 10P
   600V - 40A - IGBT Application: Inverter
RJH60D6DPM RENESAS-RJH60D6DPM_15 Datasheet
107Kb / 10P
   600V - 40A - IGBT Application: Inverter
RJH60A83RDPE RENESAS-RJH60A83RDPE_15 Datasheet
112Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60A83RDPP-M0 RENESAS-RJH60A83RDPP-M0_15 Datasheet
120Kb / 9P
   600V - 10A - IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0_15 Datasheet
108Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60M3DPE RENESAS-RJH60M3DPE_15 Datasheet
100Kb / 10P
   600V - 17A - IGBT Application: Inverter
RJH60D7DPQ-E0 RENESAS-RJH60D7DPQ-E0_15 Datasheet
113Kb / 10P
   600V - 50A - IGBT Application: Inverter
RJH60M3DPQ-E0 RENESAS-RJH60M3DPQ-E0 Datasheet
212Kb / 10P
   600V - 17A - IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com