Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5358B Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # 1N5358B
Description  5W ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

1N5358B Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  1N5358B Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. 1N5358B Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd. 1N5358B Datasheet HTML 3Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
·
Voltage Range 8.2V - 200V
·
Glass Passivated Junction
·
5W Steady State
·
High Surge Capability
·
±5% Voltage Tolerance on Nominal
VZ is Standard
·
100% Tested
1N5344B - 1N5388B
5W ZENER DIODE
Notes:
1. Nominal Zener Voltage (VZ) is read with the device in standard test clips with 3/8- to 1/2-inch spacing between clip and case
of the diode. Before reading, the diode is allowed to stabilize for a period of 40
±10 milliseconds at 25°C +8, -2°C.
2. The Zener Impedance (ZZ or ZZK) is derived from the 60 Hz ac voltage, which results when an ac current having an rms
value equal to 10% of the dc zener current (IZT or IZK) is superimposed on IZT or IZK, respectively.
3. The Surge Current (IZSM) is specified as the maximum peak of a nonrecurrent sine wave of 8.3 milliseconds duration.
4. Voltage regulation (
DVZ) is the difference between the voltage measured at 10% and 50% of IZM.
Maximum Ratings
@ TA = 25°C unless otherwise specified
Symbol
Value
Unit
DC Power Dissipation @ TL = 75
°C 9.5mm from
Body (Board Mounted)
Pd
5.0
W
Power Derating Above 75
°C Lead Temperature
—20
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-55 to +175
°C
Features
Mechanical Data
·
Case: Molded Plastic Over Glass Passivated
Junction
·
Leads: Solderable per MIL-STD-202,
Method 208
·
Polarity: Cathode Band
·
Approx. Weight: 1.2 grams
5W
Dim
Min
Max
A
25.40
B
8.38
8.89
C
0.94
1.09
D
3.30
3.68
All Dimensions in mm
A
A
B
C
D
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD. WWW.SDDZG.COM  TEL:0536-2210359  QQ:464768017
1


Similar Part No. - 1N5358B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5358B MICROSEMI-1N5358B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Motorola, Inc
1N5358B MOTOROLA-1N5358B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Shenzhen Luguang Electr...
1N5358B LUGUANG-1N5358B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
Semikron International
1N5358B SEMIKRON-1N5358B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
1N5358B EIC-1N5358B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5358B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5344B DIODES-1N5344B Datasheet
63Kb / 3P
   5W ZENER DIODE
DS21407 Rev. D-3
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Formosa MS
1N5338B FORMOSA-1N5338B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1N4954 SENSITRON-1N4954 Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com