Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP13N50 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FQP13N50
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP13N50 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FQP13N50 Datasheet HTML 1Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 2Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 3Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 4Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 5Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 6Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 7Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 8Page - Fairchild Semiconductor FQP13N50 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B, September 2002
QFETTM
FQP13N50/FQPF13N50
500V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supply, power
factor correction, electronic lamp ballast based on half
bridge.
Features
• 12.5A, 500V, RDS(on) = 0.43Ω @VGS = 10 V
• Low gate charge ( typical 45 nC)
• Low Crss ( typical 25 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
FQP13N50
FQPF13N50
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
12.5
12.5 *
A
- Continuous (TC = 100°C)
7.9
7.9 *
A
IDM
Drain Current
- Pulsed
(Note 1)
50
50 *
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
810
mJ
IAR
Avalanche Current
(Note 1)
12.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
17
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation (TC = 25°C)
170
56
W
- Derate above 25°C
1.35
0.45
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP13N50
FQPF13N50
Units
RθJC
Thermal Resistance, Junction-to-Case
0.74
2.23
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
--
°C/W
TO-220
FQP Series
G
S
D
TO-220F
FQPF Series
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


Similar Part No. - FQP13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP13N50 FAIRCHILD-FQP13N50 Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
logo
Inchange Semiconductor ...
FQP13N50 ISC-FQP13N50 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
873Kb / 10P
   500V N-Channel MOSFET
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FQP13N50C FAIRCHILD-FQP13N50C Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
More results

Similar Description - FQP13N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com