Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOCD213R2M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MOCD213R2M
Description  Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOCD213R2M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MOCD213R2M Datasheet HTML 1Page - Fairchild Semiconductor MOCD213R2M Datasheet HTML 2Page - Fairchild Semiconductor MOCD213R2M Datasheet HTML 3Page - Fairchild Semiconductor MOCD213R2M Datasheet HTML 4Page - Fairchild Semiconductor MOCD213R2M Datasheet HTML 5Page - Fairchild Semiconductor MOCD213R2M Datasheet HTML 6Page - Fairchild Semiconductor MOCD213R2M Datasheet HTML 7Page - Fairchild Semiconductor MOCD213R2M Datasheet HTML 8Page - Fairchild Semiconductor MOCD213R2M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOCD213M Rev. 1.0.2
3
Electrical Characteristics
TA = 25°C unless otherwise specified.
*Typical values at TA = 25°C
Notes:
1. Input-Output Isolation Voltage, VISO, is an internal device dielectric breakdown rating.
2. For this test, pins 1, 2, 3 and 4 are common and pins 5, 6, 7 and 8 are common.
3. VISO rating of 2500 VAC(rms) for t = 1 minute is equivalent to a rating of 3,000 VAC(rms) for t = 1 second.
4. Current Transfer Ratio (CTR) = IC / IF x 100%.
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
Emitter
VF
Input Forward Voltage
IF = 30 mA
1.25
1.55
V
IR
Reverse Leakage Current
VR = 6.0 V
0.001
100
µA
C
Capacitance
18
pF
Detector
ICEO1
Collector-Emitter Dark Current
VCE = 10 V, TA = 25°C
1.0
50
nA
ICEO2
VCE = 10 V, TA = 100°C
1.0
µA
BVCEO
Collector-Emitter Breakdown
Voltage
IC = 100 µA
70
120
V
BVECO
Emitter-Collector Breakdown
Voltage
IE = 100 µA
7.0
7.8
V
CCE
Collector-Emitter Capacitance
f = 1.0 MHz, VCE = 0 V
7.0
pF
Coupled
CTR
Current Transfer Ratio(4)
IF = 10 mA, VCE = 10 V
100
%
VCE (sat) Collector-Emitter Saturation
Voltage
IC = 2.0 mA, IF = 10 mA
0.15
0.4
V
ton
Turn-On Time
IC = 2.0 mA, VCC = 10 V, RL = 100 Ω
(Fig. 8)
3.0
µs
toff
Turn-Off Time
IC = 2.0 mA, VCC = 10 V, RL = 100 Ω
(Fig. 8)
2.8
µs
tr
Rise Time
IC = 2.0 mA, VCC = 10 V, RL = 100 Ω
(Fig. 8)
1.6
µs
tf
Fall Time
IC = 2.0 mA, VCC = 10 V, RL = 100 Ω
(Fig. 8)
2.2
µs
VISO
Isolation Surge Voltage(1)(2)(3)
f = 60 Hz, t = 1 minute
2500
Vac(rms)
RISO
Isolation Resistance(2)
VI-O = 500 V
1011
Ω
CISO
Isolation Capacitance(2)
VI-O = 0 V, f = 1 MHz
0.2
pF


Similar Part No. - MOCD213R2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD213R2M FAIRCHILD-MOCD213R2M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
logo
ON Semiconductor
MOCD213R2M ONSEMI-MOCD213R2M Datasheet
238Kb / 9P
   8-pin SOIC Dual-Channel Phototransistor Output Optocoupler
October, 2018 - Rev. 6
More results

Similar Description - MOCD213R2M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD213-M FAIRCHILD-MOCD213-M Datasheet
495Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD213-M FAIRCHILD-MOCD213-M_05 Datasheet
494Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD206M FAIRCHILD-MOCD206M Datasheet
106Kb / 7P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223M FAIRCHILD-MOCD223M Datasheet
2Mb / 10P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD208R2M FAIRCHILD-MOCD208R2M Datasheet
2Mb / 9P
   Dual-channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD223-M FAIRCHILD-MOCD223-M Datasheet
498Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD223-M FAIRCHILD-MOCD223-M_06 Datasheet
503Kb / 9P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD207M FAIRCHILD-MOCD207M_06 Datasheet
498Kb / 8P
   Dual Channel Phototransistor Small Outline Surface Mount Optocouplers
MOCD211-M FAIRCHILD-MOCD211-M Datasheet
506Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOCD211-M FAIRCHILD-MOCD211-M_05 Datasheet
511Kb / 8P
   DUAL CHANNEL PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com