Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2241I-AEZG-06 Datasheet(PDF) 8 Page - Microchip Technology

Part # USB2241I-AEZG-06
Description  Ultra Fast USB 2.0 Multi-Format, SD/MMC and MS Flash Media Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2241I-AEZG-06 Datasheet(HTML) 8 Page - Microchip Technology

  USB2241I-AEZG-06 Datasheet HTML 1Page - Microchip Technology USB2241I-AEZG-06 Datasheet HTML 2Page - Microchip Technology USB2241I-AEZG-06 Datasheet HTML 3Page - Microchip Technology USB2241I-AEZG-06 Datasheet HTML 4Page - Microchip Technology USB2241I-AEZG-06 Datasheet HTML 5Page - Microchip Technology USB2241I-AEZG-06 Datasheet HTML 6Page - Microchip Technology USB2241I-AEZG-06 Datasheet HTML 7Page - Microchip Technology USB2241I-AEZG-06 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 (02-07-13)
8
SMSC USB224x
PRODUCT PREVIEW
Note 3
Dimension “b” applies to plated terminals and is measured between 0.15 mm and 0.30 mm
from the terminal tip.
Note 4
Details of terminal #1 identifier are optional but must be located within the area indicated.
Note 5
Coplanarity zone applies to exposed pad and terminals.
Figure 5 Additional Package Information and Notes


Similar Part No. - USB2241I-AEZG-06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
   Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
More results

Similar Description - USB2241I-AEZG-06

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2241I-AEZG-06 MICROCHIP-USB2241I-AEZG-06 Datasheet
240Kb / 8P
   Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
Revision 2.1 02-07-13
USB224X MICROCHIP-USB224X Datasheet
795Kb / 43P
   Ultra Fast USB 2.0 Multi-Format, SD/MMC, and MS Flash Media Controllers
01/27/15
logo
SMSC Corporation
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
   Ultra Fast USB 2.0 SD/MMC Flash Media Controller
USB2250 SMSC-USB2250 Datasheet
894Kb / 36P
   Ultra Fast USB 2.0 Multi-Format Flash Media Controller
USB2240 SMSC-USB2240 Datasheet
717Kb / 28P
   Ultra Fast USB 2.0 Multi-Format Flash Media Controller
logo
Microchip Technology
USB2640 MICROCHIP-USB2640 Datasheet
691Kb / 60P
   Ultra Fast USB 2.0 Multi-Format Flash Media Controller/USB Hub Combo
02/28/20
logo
GENESYS LOGIC
GL817E GENESYS-GL817E Datasheet
166Kb / 19P
   USB 2.0 MS/ MS PRO/ SD/ MMC Controller
logo
Microchip Technology
USB2240 MICROCHIP-USB2240 Datasheet
795Kb / 43P
   Ultra Fast USB 2.0 Multi-Format
01/27/15
USB2250 MICROCHIP-USB2250 Datasheet
472Kb / 43P
   Ultra Fast USB 2.0 Multi-Slot Flash Media Controller
07/14/15
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com