Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2482PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2482PW
Description  36-V Hotswap Controller with Precision I2C Power Monitoring
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2482PW Datasheet(HTML) 5 Page - Texas Instruments

  TPS2482PW Datasheet HTML 1Page - Texas Instruments TPS2482PW Datasheet HTML 2Page - Texas Instruments TPS2482PW Datasheet HTML 3Page - Texas Instruments TPS2482PW Datasheet HTML 4Page - Texas Instruments TPS2482PW Datasheet HTML 5Page - Texas Instruments TPS2482PW Datasheet HTML 6Page - Texas Instruments TPS2482PW Datasheet HTML 7Page - Texas Instruments TPS2482PW Datasheet HTML 8Page - Texas Instruments TPS2482PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
TPS2482
TPS2483
www.ti.com
SLUSAW1 A – DECEMBER 2012 – REVISED MARCH 2013
ELECTRICAL CHARACTERISTICS (Hotswap Section) (continued)
Unless otherwise noted, minimum and maximum limits apply across the recommended operating junction temperature and
voltage ranges, typical specifications are at TJ = 25°C, VVCC = 48 V, VPROG = 2 V, VTIMER = 0 V, all outputs unloaded. Voltages
are with respect to GND and positive currents are into pins.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-Good Output (PG)
VOUT = 0 V, IPG = 2 mA
0.1
0.25
Output voltage (sinking), PG
VPG_OL
= false
VOUT = 0 V, IPG = 4 mA
0.25
0.5
VSENSE = VVCC, VOUT rising, V(SENSE-OUT)
VPGTL
PG = true threshold voltage
0.8
1.25
1.7
decreasing
V
VSENSE = VVCC, VOUT falling, V(SENSE-OUT)
VPGTH
PG = false threshold voltage
2.2
2.7
3.2
increasing
VHYST_PG
PG threshold hysteresis
VSENSE = VVCC
1.4
PG deglitch delay, detection
tDPG
to output, rising and falling
VSENSE = VVCC
5
9
15
ms
edges
Output leakage current, PG =
VPG = VVCC
10
μA
true
Output Voltage Feedback Input (OUT)
VOUT = VVCC, VEN = Hi; (sinking)
8
20
IOUT
Input bias current
μA
VOUT = 0 V, VEN = Lo; (sourcing)
18
40
Enable Input (EN)
VEN_H
Threshold VEN rising
1.32
1.35
1.38
V
VEN_L
Threshold VEN falling
1.20
1.25
1.30
EN threshold hysteresis
100
mV
IEN
Input bias current
VEN = 30 V
1
μA
ELECTRICAL CHARACTERISTICS (Monitor Section)
Boldface limits apply over the recommended junction temperature range, otherwise limits apply at TA = 25°C. Unless
otherwise noted, VS = 3.3 V, VINP = 12 V, VSHUNT = (VINP – VINM) = 0 mV, default power-on mode. Voltages are with
respect to GND and positive currents are into pins.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Monitor Supply (VS)
Operating supply range
2.7
5.5
V
Quiescent current, default operating mode
No SCL clock
330
420
μA
Quiescent current, power-down mode
No SCL clock
0.5
2
μA
Monitor Sense Inputs (VINP, VINM)
Shunt voltage input range
-81.9175
81.9175
mV
Bus voltage input range(1)
0
36
V
Common-mode rejection
CMRR
VVINP = 0 V to 36 V
126
140
dB
Shunt offset voltage, RTI(2)
VOS
±2.5
±10
μV
vs Temperature
0.1
0.4
μV/°C
vs Power supply
PSRR
VS = 2.7 V to 5.5 V
2.5
μV/V
Bus offset voltage, RTI(2)
VOS
±1.25
±7.5
mV
vs Temperature
10
40
μV/°C
vs Power supply
PSRR
VS = 2.7 V to 5.5 V
0.5
mV/V
Input bias current
IVINP
10
μA
Input bias current, plus parallel
IVINM +
10
μA ||
resistance
RVINM
830k
Ω
(1)
While the input range is limited to 36 V, the full-scale range of the ADC scaling is 40.96 V. See the Basic ADC Functions section. Do not
apply more than 36 V.
(2)
RTI = Referred-to-input.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS2482 TPS2483


Similar Part No. - TPS2482PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482PW TI1-TPS2482PW Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
TPS2482PWR TI1-TPS2482PWR Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
More results

Similar Description - TPS2482PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2482 TI1-TPS2482_15 Datasheet
1Mb / 56P
[Old version datasheet]   36-V Hotswap Controller with Precision I2C Power Monitoring
LM5066 TI1-LM5066_16 Datasheet
2Mb / 65P
[Old version datasheet]   Hotswap Controller With I/V/P Monitoring and PMBus Interface
logo
Linear Technology
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com