Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2592BA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2592BA
Description  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2592BA Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS2592BA Datasheet HTML 5Page - Texas Instruments TPS2592BA Datasheet HTML 6Page - Texas Instruments TPS2592BA Datasheet HTML 7Page - Texas Instruments TPS2592BA Datasheet HTML 8Page - Texas Instruments TPS2592BA Datasheet HTML 9Page - Texas Instruments TPS2592BA Datasheet HTML 10Page - Texas Instruments TPS2592BA Datasheet HTML 11Page - Texas Instruments TPS2592BA Datasheet HTML 12Page - Texas Instruments TPS2592BA Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1
1.2
1.4
1.6
1.8
2
2.2
0
0.5
1
1.5
2
VVIN-VOUT (V)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
RILIM = 45.3 k:
-16
-14
-12
-10
-8
-6
-4
-2
0
2
-50
0
50
100
150
Temperature (oC)
IOL-150k
ISC-150K-92B_
ISC-150K-92A_
1
2
3
4
5
6
0
0.5
1
1.5
2
VVIN-VOUT (V)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
RILIM = 150 k:
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
VVIN-VOUT (V)
125
ƒC
85
ƒC
25
ƒC
-40
ƒC
RILIM = 100 k:
0
0.005
0.01
0.015
0.02
-40
10
60
110
Temperature (oC)
20
25
30
35
40
45
-50
0
50
100
150
Temperature (oC)
TPS2592Ax
TPS2592Bx
www.ti.com
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
TJ = 25°C, VVIN = 12 V for TPS2592Ax, VVIN = 5 V for TPS2592Bx, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN=0.1 µF, COUT=1µF,
CdVdT = OPEN (unless stated otherwise)
Figure 25. VOUT-OFF vs TEMPERATURE
Figure 26. RDSON vs TEMPERATURE
Figure 27. IOUT vs VVIN-OUT ACROSS TEMPERATURE
Figure 28. IOUT vs VVIN-OUT ACROSS TEMPERATURE
(150k
Ω)
(100k
Ω)
Figure 29. IOUT vs VVIN-OUT ACROSS TEMPERATURE
Figure 30. IOL, ISC vs TEMPERATURE
(45.3k
Ω)
(150k
Ω)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS2592Ax TPS2592Bx


Similar Part No. - TPS2592BA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BADRCR TI1-TPS2592BADRCR Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BADRCT TI1-TPS2592BADRCT Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
More results

Similar Description - TPS2592BA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com