Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22963 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS22963
Description  ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22963 Datasheet(HTML) 3 Page - Texas Instruments

  TPS22963 Datasheet HTML 1Page - Texas Instruments TPS22963 Datasheet HTML 2Page - Texas Instruments TPS22963 Datasheet HTML 3Page - Texas Instruments TPS22963 Datasheet HTML 4Page - Texas Instruments TPS22963 Datasheet HTML 5Page - Texas Instruments TPS22963 Datasheet HTML 6Page - Texas Instruments TPS22963 Datasheet HTML 7Page - Texas Instruments TPS22963 Datasheet HTML 8Page - Texas Instruments TPS22963 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Control
Logic
VIN
ON
VOUT
GND
Reverse
Current
Protection
Charge
Pump
Driver
TPS22964 only
QOD
TPS22963
TPS22964
www.ti.com
SLVSBS6 – JUNE 2013
BLOCK DIAGRAM
Table 2. FUNCTION TABLE
ON
VIN to VOUT
OUTPUT DISCHARGE(1)(2)
L
OFF
ACTIVE
H
ON
DISABLED
(1)
This feature discharges the output of the switch to ground through a 273
Ω resistor, preventing the
output from floating.
(2)
This feature is in the TPS22964 device only (not in the TPS22963).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS22963 TPS22964


Similar Part No. - TPS22963

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963 TI1-TPS22963 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22963C TI1-TPS22963C Datasheet
1Mb / 28P
[Old version datasheet]   5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
TPS22963C TI-TPS22963C Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22963CYZPR TI1-TPS22963CYZPR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
More results

Similar Description - TPS22963

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Toshiba Semiconductor
TCK111G TOSHIBA-TCK111G Datasheet
516Kb / 10P
   3A, 8 m廓 Ultra Low On Resistance Load Switch IC with Reverse Current Blocking and Thermal Shutdown function
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com