Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3420DDRYT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3420DDRYT
Description  Low-Power, Push-Button Controllers with Configurable Delay
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3420DDRYT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3420DDRYT Datasheet HTML 7Page - Texas Instruments TPS3420DDRYT Datasheet HTML 8Page - Texas Instruments TPS3420DDRYT Datasheet HTML 9Page - Texas Instruments TPS3420DDRYT Datasheet HTML 10Page - Texas Instruments TPS3420DDRYT Datasheet HTML 11Page - Texas Instruments TPS3420DDRYT Datasheet HTML 12Page - Texas Instruments TPS3420DDRYT Datasheet HTML 13Page - Texas Instruments TPS3420DDRYT Datasheet HTML 14Page - Texas Instruments TPS3420DDRYT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
trst
No
Second
Pulse
PB1
PB2
RST
ttimer
trst
ttimer
ttimer
TPS3420
TPS3421
TPS3422
www.ti.com
SBVS211A – AUGUST 2012 – REVISED MARCH 2013
PUSH-BUTTON TIMER SELECTION (TS)
The TPS342x offer two different push-button timer options (ttimer) for system flexibility with the use of TS pin.
Connect the TS pin to either GND or VCC for two different timing options, as shown in Table 1.
Table 1. Push-Button Timer Option Examples
PUSH-BUTTON TIMER
PRODUCT
TS = VCC
TS = GND
RESET PULSE
TPS3420DDRYR/T
12.5 s
7.5 s
N/A
TPS3421EGDRYR/T
0 s
7.5 s
400 ms
TPS3422EGDRYR/T
0 s
7.5 s
400 ms
During normal operation, the TS pin state should not be changed because TS is intended to be permanently
connected to either ground or VCC. The state of the TS pin is checked during power-up and when either PBx
input is high. Therefore, if a different timing option is desired, the state must be changed during power-off, or
when either PBx input is high, in order to avoid false operation.
OUTPUT (RST)
The TPS342x have an open-drain output. A pull-up resistor must be used to hold the line high when the output is
in a high-impedance state (not asserted). By connecting a pull-up resistor to the proper voltage rail, the output
can be connected to other devices at correct interface voltage levels. The TPS342x output can be pulled up to
6.5 V, independent of the device supply voltage. To ensure proper voltage levels, make sure to choose the
correct pull-up resistor values. The pull-up resistor value is determined by VOL, sink current capability, and output
leakage current (Ilkg(OD)). These values are specified in the Electrical Charactersitcs table.
The Inputs (PB1, PB2) section describes how the output is asserted or deasserted. See Figure 1 (TPS3420),
Figure 2 (TPS3421) , or Figure 3 (TPS3422) for a timing diagram that describes the relationship between the
PB1 and PB2 inputs and the output. Figure 17 shows the TPS3421 reset timing.
Figure 17. TPS3421 Reset Timing Diagram
Any change in input condition is detected after reset is deasserted. If input PB1 or PB2 has a pulse (low-to-high-
to-low) during the trst period, the change is not recognized by the device. If input PB1 or PB2 go high during the
trst period, the change is detected after reset is deasserted.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS3420 TPS3421 TPS3422


Similar Part No. - TPS3420DDRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3430 TI1-TPS3430 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430 TI1-TPS3430 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
TPS3430-Q1 TI1-TPS3430-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive Window Watchdog Timer with Programmable Reset Delay
TPS3430WDRCR TI1-TPS3430WDRCR Datasheet
2Mb / 26P
[Old version datasheet]   Window Watchdog Timer with Programmable Reset Delay
More results

Similar Description - TPS3420DDRYT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
STM6717 STMICROELECTRONICS-STM6717_10 Datasheet
664Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717_07 Datasheet
251Kb / 29P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717TWWY6F STMICROELECTRONICS-STM6717TWWY6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6779YWB6F STMICROELECTRONICS-STM6779YWB6F Datasheet
643Kb / 30P
   Dual/triple ultra-low voltage supervisors with push-button reset (with delay option)
STM6717 STMICROELECTRONICS-STM6717 Datasheet
351Kb / 25P
   Dual/Triple Ultra-Low Voltage Supervisors with Push-Button Reset (with Delay Option)
STM6522 STMICROELECTRONICS-STM6522 Datasheet
303Kb / 25P
   Dual push-button Smart Reset??with capacitor-adjustable setup delay
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
   Reset Timer with Configurable Delay
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
   Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
   Reset Timer with Configurable Delay Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com