Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22964 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS22964
Description  ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22964 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS22964 Datasheet HTML 4Page - Texas Instruments TPS22964 Datasheet HTML 5Page - Texas Instruments TPS22964 Datasheet HTML 6Page - Texas Instruments TPS22964 Datasheet HTML 7Page - Texas Instruments TPS22964 Datasheet HTML 8Page - Texas Instruments TPS22964 Datasheet HTML 9Page - Texas Instruments TPS22964 Datasheet HTML 10Page - Texas Instruments TPS22964 Datasheet HTML 11Page - Texas Instruments TPS22964 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
0.000
0.200
0.400
0.600
0.800
1.000
1.200
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
-40°C
25°C
85°C
C005
V
ON = 0V, VOUT = 0V
0.000
0.200
0.400
0.600
0.800
1.000
1.200
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C026
V
ON = 0V, VOUT = 0V
0
10
20
30
40
50
60
70
80
90
100
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
V
IN (V)
-40°C
25°C
85°C
C001
V
OUT = Open, VON = VIN
0
20
40
60
80
100
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C002
V
OUT = Open, VON = VIN
0
5
10
15
20
25
30
35
40
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
-40°C
25°C
85°C
C003
I
OUT = -200mA
0
10
20
30
40
50
-40
-15
10
35
60
85
Temperature (
ƒC)
VIN = 1V
VIN = 1.1V
VIN = 1.2V
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 4.5V
VIN = 5V
VIN = 5.5V
C004
I
OUT = -200mA
TPS22963
TPS22964
SLVSBS6 – JUNE 2013
www.ti.com
TYPICAL ELECTRICAL CHARACTERISTICS
ON RESISTANCE vs VIN
ON RESISTANCE vs TEMPERATURE
QUIESCENT CURRENT vs VIN
QUIESCENT CURRENT vs TEMPERATURE
SHUT DOWN CURRENT vs VIN
SHUT DOWN CURRENT vs TEMPERATURE
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS22963 TPS22964


Similar Part No. - TPS22964

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22964 TI1-TPS22964 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22964C TI1-TPS22964C Datasheet
1Mb / 28P
[Old version datasheet]   5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
TPS22964C TI-TPS22964C Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22964C2YZPR TI-TPS22964C2YZPR Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
TPS22964CYZPR TI1-TPS22964CYZPR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
More results

Similar Description - TPS22964

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Toshiba Semiconductor
TCK111G TOSHIBA-TCK111G Datasheet
516Kb / 10P
   3A, 8 m廓 Ultra Low On Resistance Load Switch IC with Reverse Current Blocking and Thermal Shutdown function
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com