Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22964CYZPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22964CYZPR
Description  ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS22964CYZPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS22964CYZPR Datasheet HTML 2Page - Texas Instruments TPS22964CYZPR Datasheet HTML 3Page - Texas Instruments TPS22964CYZPR Datasheet HTML 4Page - Texas Instruments TPS22964CYZPR Datasheet HTML 5Page - Texas Instruments TPS22964CYZPR Datasheet HTML 6Page - Texas Instruments TPS22964CYZPR Datasheet HTML 7Page - Texas Instruments TPS22964CYZPR Datasheet HTML 8Page - Texas Instruments TPS22964CYZPR Datasheet HTML 9Page - Texas Instruments TPS22964CYZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TPS22963
TPS22964
SLVSBS6 – JUNE 2013
www.ti.com
SWITCHING CHARACTERISTICS
TPS22963/64
PARAMETER
TEST CONDITION
UNIT
TYP
VIN = 5.0 V, TA = 25°C (unless otherwise noted)
tON
Turn-ON time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
928
tOFF
Turn-OFF time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
2.5
tR
VOUT rise time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
890
µs
tF
VOUT fall time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
2.1
tD
Delay time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
561
VIN = 4.5 V, TA = 25°C (unless otherwise noted)
tON
Turn-ON time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
905
tOFF
Turn-OFF time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
2.6
tR
VOUT rise time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
859
µs
tF
VOUT fall time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
2.1
tD
Delay time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
560
VIN = 3.3 V, TA = 25°C (unless otherwise noted)
tON
Turn-ON time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
836
tOFF
Turn-OFF time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
2.8
tR
VOUT rise time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
715
µs
tF
VOUT fall time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
2
tD
Delay time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
553
VIN = 1.8 V, TA = 25°C (unless otherwise noted)
tON
Turn-ON time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
822
tOFF
Turn-OFF time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
2.8
tR
VOUT rise time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
651
µs
tF
VOUT fall time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
2
tD
Delay time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
558
VIN = 1.2 V, TA = 25°C (unless otherwise noted)
tON
Turn-ON time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
852
tOFF
Turn-OFF time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
3.2
tR
VOUT rise time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
535
µs
tF
VOUT fall time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
1.8
tD
Delay time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
594
VIN = 1.1 V, TA = 25°C (unless otherwise noted)
tON
Turn-ON time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
861
tOFF
Turn-OFF time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
3.5
tR
VOUT rise time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
518
µs
tF
VOUT fall time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
1.9
tD
Delay time
ROUT = 10Ω, CIN = 1µF, COUT = 0.1µF
604
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS22963 TPS22964


Similar Part No. - TPS22964CYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22964CYZPR TI1-TPS22964CYZPR Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
TPS22964CYZPR TI1-TPS22964CYZPR Datasheet
1Mb / 28P
[Old version datasheet]   5.5-V, 3-A, 13-m廓 On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
TPS22964CYZPR TI-TPS22964CYZPR Datasheet
1Mb / 28P
[Old version datasheet]   TPS2296xC 5.5-V, 3-A, 13-mΩ On-Resistance Load Switch With Reverse Current Protection and Controlled Turn-On
REVISED JANUARY 2015
More results

Similar Description - TPS22964CYZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22963C TI1-TPS22963C Datasheet
1Mb / 23P
[Old version datasheet]   ULTRA-LOW ON-RESISTANCE, 3A LOAD SWITCH WITH REVERSE CURRENT PROTECTION AND CONTROLLED TURN-ON
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
logo
Toshiba Semiconductor
TCK111G TOSHIBA-TCK111G Datasheet
516Kb / 10P
   3A, 8 m廓 Ultra Low On Resistance Load Switch IC with Reverse Current Blocking and Thermal Shutdown function
logo
Global Mixed-mode Techn...
GM5938 GMT-GM5938 Datasheet
47Kb / 1P
   Very Ultra-Low On-Resistance Load Switch
logo
Torex Semiconductor
XC8102-12 TOREX-XC8102-12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_1 Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
XC8102 TOREX-XC8102_12 Datasheet
379Kb / 20P
   Load Switch with Low On-Resistance
XC8102S TOREX-XC8102S Datasheet
355Kb / 19P
   Load Switch with Low On-Resistance
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com