Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51285BRUKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51285BRUKR
Description  Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51285BRUKR Datasheet(HTML) 4 Page - Texas Instruments

  TPS51285BRUKR Datasheet HTML 1Page - Texas Instruments TPS51285BRUKR Datasheet HTML 2Page - Texas Instruments TPS51285BRUKR Datasheet HTML 3Page - Texas Instruments TPS51285BRUKR Datasheet HTML 4Page - Texas Instruments TPS51285BRUKR Datasheet HTML 5Page - Texas Instruments TPS51285BRUKR Datasheet HTML 6Page - Texas Instruments TPS51285BRUKR Datasheet HTML 7Page - Texas Instruments TPS51285BRUKR Datasheet HTML 8Page - Texas Instruments TPS51285BRUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TPS51285A
TPS51285B
SLVSBX0 – APRIL 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VBST1, VBST2
–0.3
32
VBST1, VBST2(3)
–0.3
6
SW1, SW2
–6
26
Input voltage(2)
VIN
–0.3
26
V
EN1, EN2
–0.3
6
VFB1, VFB2
–0.3
3.6
VO1
–0.3
6
DRVH1, DRVH2
–6.0
32
DRVH1, DRVH2(3)
–0.3
6
DRVH1, DRVH2(3) (duty cycle < 1%)
–2.5
6
Output voltage(2)
DRVL1, DRVL2
–0.3
6
V
DRVL1, DRVL2 (duty cycle < 1%)
–2.5
6
PGOOD, VCLK, VREG5
–0.3
6
VREG3, CS1, CS2
–0.3
3.6
Human Boby Model (HBM)
2
Electrostatic discharge
kV
(ESD) ratings (4)
Charged Device Model (CDM)
0.5
Junction temperature, TJ
150
°C
Storage temperature, TST
–55
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted
(3)
Voltage values are with respect to SW terminals.
(4)
ESD testing is performed according to the respective JESD22 JEDEC standard.
THERMAL INFORMATION
TPS51285A
TPS51285B
THERMAL METRIC(1)
UNITS
20-PIN RUK
θJA
Junction-to-ambient thermal resistance
46.2
θJCtop
Junction-to-case (top) thermal resistance
53.6
θJB
Junction-to-board thermal resistance
19.2
°C/W
ψJT
Junction-to-top characterization parameter
0.6
ψJB
Junction-to-board characterization parameter
19.2
θJCbot
Junction-to-case (bottom) thermal resistance
3.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS51285A TPS51285B


Similar Part No. - TPS51285BRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285BRUKR TI1-TPS51285BRUKR Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
More results

Similar Description - TPS51285BRUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT8249D RICHTEK-RT8249D Datasheet
252Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6585A RICHTEK-RT6585A Datasheet
273Kb / 22P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
April 2022
RT6576E RICHTEK-RT6576E Datasheet
219Kb / 20P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
RT6575A RICHTEK-RT6575A Datasheet
275Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
March 2022
RT6545A RICHTEK-RT6545A Datasheet
260Kb / 21P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
RT8249A RICHTEK-RT8249A Datasheet
295Kb / 23P
   Dual-Channel Synchronous DC/DC Step-Down Controller with 5V/3.3V LDOs
June 2014
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com