Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3839G12DBZR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3839G12DBZR
Description  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3839G12DBZR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3839G12DBZR Datasheet HTML 6Page - Texas Instruments TPS3839G12DBZR Datasheet HTML 7Page - Texas Instruments TPS3839G12DBZR Datasheet HTML 8Page - Texas Instruments TPS3839G12DBZR Datasheet HTML 9Page - Texas Instruments TPS3839G12DBZR Datasheet HTML 10Page - Texas Instruments TPS3839G12DBZR Datasheet HTML 11Page - Texas Instruments TPS3839G12DBZR Datasheet HTML 12Page - Texas Instruments TPS3839G12DBZR Datasheet HTML 13Page - Texas Instruments TPS3839G12DBZR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
RESET
GND
TPS3839K33
VDD
RST
Microprocessor
3.3 V
VCC
47 k:
V
DD
GND
TPS3831
20 kW
MR
TPS3831
TPS3839
SBVS193B – JUNE 2012 – REVISED APRIL 2013
www.ti.com
MANUAL RESET (MR) INPUT (TPS3831 Only)
The manual reset (MR) input allows a processor, or other logic devices, to initiate a reset (TPS3831 only). A logic
low (0.3 VDD) on MR causes RESET to assert. After MR returns to a logic high and VDD is greater than the
threshold voltage, RESET is deasserted after the reset delay time, td, elapses. Note that MR is internally tied to
VDD with a 20-k
Ω resistor; therefore, this pin can be left unconnected if MR is not used. If a logic signal driving
MR does not go fully to VDD, there will be some additional current draw into VDD as a result of the internal pull-
up resistor on MR. To minimize current draw, a logic-level FET can be used, as illustrated in Figure 16.
Figure 16. Using Logic-Level FET to Minimize Current Draw
BIDIRECTIONAL RESET PINS
Some microcontrollers have bidirectional reset pins that act both as an input and an output. A series resistor
should be placed between the TPS383x output and the microcontroller reset pin to protect against excessive
current flow when both the TPS383x and the microcontroller attempt to drive the reset line. Figure 17 shows the
connection of the TPS3839K33 with a microcontroller using a series resistor to drive a bidirectional reset line.
Figure 17. Connection to Bidirectional Reset Pin
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS3831 TPS3839


Similar Part No. - TPS3839G12DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839G12DBZR TI1-TPS3839G12DBZR Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839G12DBZR TI1-TPS3839G12DBZR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Similar Description - TPS3839G12DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com