Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65290LMRHFT Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65290LMRHFT
Description  LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65290LMRHFT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65290LMRHFT Datasheet HTML 3Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 4Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 5Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 6Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 7Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 8Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 9Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 10Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
RHF 24 PIN
1
2
3
4
5
6
7
12
11
10
9
8
19
18
17
16
15
14
13
20
21
22
23
24
CE
PWR_BB2
VMICRO
AGND
PWR_LDO2
MISO
INT
CS
SCL/SCK
MOSI/SDA
TPS65290
www.ti.com
SLVSBY5B – APRIL 2013 – REVISED JUNE 2013
PIN OUT
RGE PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
NAME
NO.
I/O
DESCRIPTION
PWR_VIN
1
O
Power for system output from Vin
VIN
2
I
Battery supply
PWR_VMAX
3
O
Switch Controlled supply connected to VMAX. Decouple with a ceramic capacitor
VMAX
4
O
This pin shows the maximum of VBAT or VBB. Decouple with a 1µF ceramic capacitor
LDO_IN
5
I
LDO input. Decouple this pin with a 2.2µF ceramic capacitor
LDO_OUT
6
O
LDO output. Decouple this pin with a 2µF ceramic capacitor
PWR_LDO1
7
O
Switch Controlled supply connected to LDO output. Decouple with a ceramic capacitor.
PWR_LDO2
8
O
Switch Controlled supply connected to LDO output. Decouple with a ceramic capacitor.
AGND
9
Analog ground connection. Connect to PGND and power Pad.
VMICRO
10
O
Microcontroller supply
CE
11
When low the PMIC is in deep sleep and BIAS supply to the micro is enabled. The Interrupt output is
I
disabled with a pull down termination. When high, the I2C/SPI is active; the internal switches can be
operated, along with the interrupt logic, and Boost/Buck.
PWR_BB2
12
O
Switch Controlled supply connected to BB output. Decouple with a 1µF ceramic capacitor.
BB_EN
13
I
Buck-Boost converter enable pin
PWR_BB1
14
O
Switch Controlled supply connected to BB output. Decouple with a 1µF ceramic capacitor.
BB_OUT
15
O
Buck-Boost converter output
BB_LX2
16
O
Buck-boost Boost converter switching node
PGND
17
Power ground connection. Connect to AGND and power pad.
BB_LX1
18
O
Buck-boost Boost converter switching node
BB_VIN
19
I
Input pin to Buck-Boost converter
INT
20
O
Push-pull output, asserted when low
MISO
21
O
Serial Data Transmit interface (Master Input Slave Output)
CS
22
I
SPI bus Chip Select (active high) when SPI enabled
SCL/ SCK
23
I
Serial Data Clock (SPI and I2C)
MOSI/SDA
24
I
Serial Data Receive interface (Master Output Slave Input) for SPI and I2C
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65290


Similar Part No. - TPS65290LMRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290LMRHFT TI1-TPS65290LMRHFT Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
More results

Similar Description - TPS65290LMRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
TPS65290 TI1-TPS65290_16 Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com