Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65290LMRHFT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65290LMRHFT
Description  LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65290LMRHFT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65290LMRHFT Datasheet HTML 7Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 8Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 9Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 10Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 11Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 12Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 13Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 14Page - Texas Instruments TPS65290LMRHFT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
TPS65290
www.ti.com
SLVSBY5B – APRIL 2013 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS (continued)
TJ = -40°C to 125°C, VBAT = 3.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Distribution switch on resistance from
PWR_MICRO_
LDO_OUT to pin VMICRO (Single P
VIN = 3.6 V, VLDO = 2.8 V, TA = 25°C
600
m
LDO
Mosfet)
Distribution switch on resistance from VIN
PWR_VIN
VIN = 3.6 V, TA = 25°C
1000
m
to pin PWR_VIN (Single P Mosfet)
Distribution switch on resistance (internal
PWR_BB_LDO
use only) from BB_OUT to LDO_OUT pin
VIN = 3.6 V, VBB = 4.5 V, TA = 25°C
1000
m
(Back to back P Mosfet)
Pull-down resistance (Connection
RPULLDOWN
1.2
k
selectable by EEPROM bit)
LOGIC LEVEL OUTPUTS (INT, MISO)
VOL
Output level low
VMICRO = 2.2 to 2.8V , Iload = 1mA
0.4
V
VMICRO -
VOH
Output level high
VMICRO =2.2 to 2.8V , Iload = 1mA
V
0.4
LOGIC LEVEL INPUT (CS, MOSI, CLK, SDA SCK )
0.67 *
VH
Input high level
VMICRO = 2.2 to 2.8V
V
VMICRO
0.33 *
VL
Input low level
VMICRO = 2.2 to 2.8V
V
VMICRO
VHYS
Input hysteresis
10
mV
Pull-up resistor to VMICRO
RPULLUP
10
k
When I2C mode enabled
Pull-down resistor to GND
RPULLDOWN
100
k
When SPI mode enabled
THERMAL SHUT-DOWN FOR BUCK BOOST CIRCUIT
TTRIP_BB
141
°C
THYST_BB
12
°C
CENTRAL THERMAL SHUTDOWN
TTRIP_IC
Thermal protection trip point
Rising temperature
160
°C
THYST_IC
Thermal protection hysteresis
20
°C
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65290


Similar Part No. - TPS65290LMRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290LMRHFT TI1-TPS65290LMRHFT Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
More results

Similar Description - TPS65290LMRHFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65290 TI1-TPS65290_14 Datasheet
4Mb / 60P
[Old version datasheet]   LOW QUIESCENT CURRENT, MULTI-MODE PMIC FOR BATTERY POWERED, ENERGY HARVESTING APPLICATIONS
TPS65290 TI1-TPS65290_16 Datasheet
4Mb / 56P
[Old version datasheet]   Low-Quiescent-Current, Multi-Mode PMIC
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
logo
Rohm
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com