Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3839K33DBZR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3839K33DBZR
Description  Ultralow Power, Supply Voltage Supervisor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3839K33DBZR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3839K33DBZR Datasheet HTML 7Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 8Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 9Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 10Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 11Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 12Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 13Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 14Page - Texas Instruments TPS3839K33DBZR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
4.7 PH
10 PF
10 PF
5 k:
L
VIN
VOUT
RI
GND
FB
EN
One-Cell
Alkaline
VDD
GND
RESET
TPS3839A09
3.3 V at 40 mA
TPS61261
TPS3831
TPS3839
www.ti.com
SBVS193B – JUNE 2012 – REVISED APRIL 2013
APPLICATION EXAMPLE: SINGLE ALKALINE CELL MONITORING
Low operating voltage and threshold options make the TPS383x well-suited for monitoring single-cell, alkaline-
battery applications. Figure 18 shows the TPS3839A09 used to disable a boost converter when the cell voltage
reaches 0.9 V, which is the end of the discharge voltage for a single alkaline battery cell. When the cell voltage
reaches 0.9 V, the TPS61261 enable pin is driven low. This setting disables the TPS61261 and places it in a
low-current shutdown state. The combination of the TPS3839 and TPS61261 consumes only 250 nA (typical)
from the discharged battery.
Figure 18. Disabled Boost Converter
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS3831 TPS3839


Similar Part No. - TPS3839K33DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3839K33DBZR TI1-TPS3839K33DBZR Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
TPS3839K33DBZR TI1-TPS3839K33DBZR Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
More results

Similar Description - TPS3839K33DBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL7700 TI1-TL7700_16 Datasheet
1Mb / 23P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3831 TI1-TPS3831_16 Datasheet
1Mb / 31P
[Old version datasheet]   Ultralow Power, Supply Voltage Monitor
logo
Toshiba Semiconductor
TA8505P TOSHIBA-TA8505P Datasheet
213Kb / 6P
   SUPPLY VOLTAGE SUPERVISOR
logo
Texas Instruments
TL7700 TI-TL7700_06 Datasheet
266Kb / 15P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700 Datasheet
144Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7702 TI-TL7702 Datasheet
340Kb / 17P
[Old version datasheet]   Supply voltage Supervisor
1633903 TI-1633903 Datasheet
774Kb / 22P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TL7700 TI-TL7700_07 Datasheet
400Kb / 17P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISOR
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com