Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-31DQ05 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-31DQ05
Description  Schottky Rectifier, 3.3 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-31DQ05 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-31DQ05 Datasheet HTML 1Page - Vishay Siliconix VS-31DQ05 Datasheet HTML 2Page - Vishay Siliconix VS-31DQ05 Datasheet HTML 3Page - Vishay Siliconix VS-31DQ05 Datasheet HTML 4Page - Vishay Siliconix VS-31DQ05 Datasheet HTML 5Page - Vishay Siliconix VS-31DQ05 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS-31DQ05, VS-31DQ05-M3, VS-31DQ06, VS-31DQ06-M3
www.vishay.com
Vishay Semiconductors
Revision: 19-Sep-11
4
Document Number: 93320
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-31DQ05
500
500
Bulk
VS-31DQ05TR
1200
1200
Tape and reel
VS-31DQ05-M3
500
500
Bulk
VS-31DQ05TR-M3
1200
1200
Tape and reel
VS-31DQ06
500
500
Bulk
VS-31DQ06TR
1200
1200
Tape and reel
VS-31DQ06-M3
500
500
Bulk
VS-31DQ06TR-M3
1200
1200
Tape and reel
1
-
31 = Current Rating, 3.3 A
2
-
D = DO-201 package
3
-
Q = Schottky Q.. series
4
-
06 = Voltage ratings
5
-
TR = Tape and reel package
None = Bulk package
05 = 50 V
06 = 60 V
Device code
6
2
4
3
5
31
D
Q
06
TR
VS-
1
-M3
7
-
Vishay Semiconductors product
None = Lead (Pb)-free and RoHS compliant
-M3 = Halogen-free, RoHS compliant, and terminations lead (Pb)-free
-
Environmental digit
6
7
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95242
Part marking information
www.vishay.com/doc?95304
Packaging information
www.vishay.com/doc?95338


Similar Part No. - VS-31DQ05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-31DQ03 VISHAY-VS-31DQ03 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ03 VISHAY-VS-31DQ03 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
02-Oct-12
VS-31DQ03-M3 VISHAY-VS-31DQ03-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ03-M3 VISHAY-VS-31DQ03-M3 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
02-Oct-12
VS-31DQ04 VISHAY-VS-31DQ04 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
More results

Similar Description - VS-31DQ05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
31DQ09G VISHAY-31DQ09G_12 Datasheet
115Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ03 VISHAY-VS-31DQ03 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
02-Oct-12
31DQ03 VISHAY-31DQ03_12 Datasheet
119Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
31DQ05 VISHAY-31DQ05_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ04 VISHAY-VS-31DQ04 Datasheet
117Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 20-Sep-11
VS-31DQ09G VISHAY-VS-31DQ09G Datasheet
113Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
VS-31DQ10TR VISHAY-VS-31DQ10TR Datasheet
118Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
31DQ09 VISHAY-31DQ09 Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09G VISHAY-31DQ09G Datasheet
80Kb / 5P
   Schottky Rectifier, 3.3 A
Revision: 06-Nov-08
31DQ09 VISHAY-31DQ09_12 Datasheet
120Kb / 6P
   Schottky Rectifier, 3.3 A
Revision: 19-Sep-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com