Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1115 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1115
Description  Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1115 Datasheet(HTML) 5 Page - Texas Instruments

  ADS1115 Datasheet HTML 1Page - Texas Instruments ADS1115 Datasheet HTML 2Page - Texas Instruments ADS1115 Datasheet HTML 3Page - Texas Instruments ADS1115 Datasheet HTML 4Page - Texas Instruments ADS1115 Datasheet HTML 5Page - Texas Instruments ADS1115 Datasheet HTML 6Page - Texas Instruments ADS1115 Datasheet HTML 7Page - Texas Instruments ADS1115 Datasheet HTML 8Page - Texas Instruments ADS1115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
5
10
1
2
3
4
SCLK
CS
GND
AIN0
AIN1
DIN
9
8
7
6
DOUT/DRDY
VDD
AIN3
AIN2
1
2
3
4
5
10
9
8
7
6
SCLK
GND
AIN0
AIN1
DIN
VDD
AIN3
AIN2
CS
DOUT/DRDY
ADS1118
www.ti.com
SBAS457C – OCTOBER 2010 – REVISED FEBRUARY 2013
PIN CONFIGURATIONS
RUG PACKAGE
DGS PACKAGE
QFN-10
MSOP-10
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
PIN #
PIN NAME
FUNCTION
DESCRIPTION
1
SCLK
Digital input
Serial clock input
2
CS
Digital input
Chip select; active low
3
GND
Analog
Ground
4
AIN0
Analog input
Differential channel 1: positive input or single-ended channel 1 input
5
AIN1
Analog input
Differential channel 1: negative input or single-ended channel 2 input
6
AIN2
Analog input
Differential channel 2: positive input or single-ended channel 3 input
7
AIN3
Analog input
Differential channel 2: negative input or single-ended channel 4 input
8
VDD
Analog
Power supply: 2.0 V to 5.5 V
9
DOUT/DRDY
Digital output
Serial data out combined with data ready; active low
10
DIN
Digital input
Serial data input
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADS1118


Similar Part No. - ADS1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1115 TI-ADS1115 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115 TI-ADS1115 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115 TI1-ADS1115 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1115 TI1-ADS1115 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1115 TI1-ADS1115 Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results

Similar Description - ADS1115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118 TI1-ADS1118 Datasheet
670Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1118 TI1-ADS1118_14 Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1018 TI1-ADS1018_14 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Small, Low-Power, SPI??Compatible, 12-Bit, Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1113 TI-ADS1113_1 Datasheet
958Kb / 36P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI1-ADS1113_14 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1113 TI-ADS1113 Datasheet
789Kb / 34P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1115-Q1 TI1-ADS1115-Q1 Datasheet
744Kb / 32P
[Old version datasheet]   Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1013IRUGR TI1-ADS1013IRUGR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IRUGT TI1-ADS1015IRUGT Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
ADS1015IDGSR TI1-ADS1015IDGSR Datasheet
1Mb / 33P
[Old version datasheet]   Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com