Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2026-47 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 2026-47
Description  2026 Series - 3-Pole Gas Discharge Tube Telecommunications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2026-47 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  2026-47 Datasheet HTML 1Page - Bourns Electronic Solutions 2026-47 Datasheet HTML 2Page - Bourns Electronic Solutions 2026-47 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Balanced TRIGARD®
Approximately 8 mm diameter, 11 mm long
UL recognized
Custom configurations available
High surge current rating
Stable breakdown throughout life
RoHS compliant* version available
Applications
Telecommunications
Industrial electronics
Commercial electronics
Consumer electronics
Automotive, aircraft, military electronics
Characteristics
2026 Series - 3-Pole Gas Discharge Tube
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Test Methods per ITU-T (CCITT) K.12, IEEE C62.31, RUS PE-80, Telcordia GR 1361
Characteristic
Model No.
2026-07
2026-09
2026-15
2026-20
2026-23
2026-25
2026-26
DC Sparkover ±20 % @ 100 V/s
75 V
90 V
150 V
200 V
230 V
250 V
260V1
Impulse Sparkover
100 V/µs
1000 V/µs
275 V
700 V
275 V
600 V
350 V
575 V
425 V
625 V
450 V
650 V
475 V
700 V
475 V
700 V
Impulse Transverse Delay............................................. 1000 V/µs ................................................................. < 75 ns
Insulation Resistance ................................................... 100 V (50 V for Model 2026–07 & 2026-09) ............. > 1010
Ω
Glow Voltage ................................................................ 10 mA....................................................................... ~ 70 V
Arc Voltage ................................................................... 1A ............................................................................. ~ 10 V
Glow-Arc Transition Current ........................................................................................................................... < 0.5 A
Capacitance ................................................................. 1 MHz....................................................................... < 2 pF
DC Holdover Voltage2 ................................................. >135 V, (52 V for Model 2026-07 & 2026-09,........... < 150 ms
80 V for Model 2026-15)
Impulse Discharge Current........................................... 40000 A, 8/20 µs3 ....................................................
1 operation minimum
20000 A, 8/20 µs ...................................................... > 10 operations
5000 A, 10/350 µs ...................................................
1 operation
1000 A, 10/1000 µs ................................................. > 400 operations
Alternating Discharge Current ...................................... 130 Arms, 11 cycles3 ...............................................
1 operation minimum
20 Arms, 1 s ............................................................. > 10 operations
Operation and Storage Temperature..............................................................................................................
-40 to +90 °C
Climatic Category (IEC 60068-1)....................................................................................................................
40/ 90/ 21
Optional Switch-Grade Fail-short device available.
Notes:
• UL recognized component, UL File E153537.
• Model number marking on tube: 26-xxx V.
• The rated discharge current for TRIGARD® Gas Discharge Tubes is the total current equally divided between each line to ground.
• Sparkover limits after life ±25 %, IR >108
Ω (-25 %,+30 % for Model 2026-07, 2026-09 and 2026-60).
• Line to Line voltage is approximately 1.8 to 2 times the stated Line to Ground breakdown voltage.
• At delivery AQL 0.65 Level II, DIN ISO 2859
1 Tube meets BT requirement Type 14 A/1 (210-310 V).
2 Network applied.
3 DC Sparkover may exceed ±25 % after discharge, but will continue to protect without venting.
Characteristic
Model No.
2026-30
2026-35
2026-40
2026-42
2026-47
2026-60
DC Sparkover ±20 % @ 100 V/s
300 V
350 V
400 V
420 V
470 V
600 V
Impulse Sparkover
100 V/µs
1000 V/µs
500 V
775 V
625 V
875 V
675 V
925 V
725 V
1000 V
800 V
1100 V
925 V
1250 V


Similar Part No. - 2026-47

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2026-47 BOURNS-2026-47 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
2026-47-A BOURNS-2026-47-A Datasheet
627Kb / 4P
   3-Pole Gas Discharge Tube
2026-47-A1 BOURNS-2026-47-A1 Datasheet
627Kb / 4P
   3-Pole Gas Discharge Tube
2026-47-A1F BOURNS-2026-47-A1F Datasheet
627Kb / 4P
   3-Pole Gas Discharge Tube
2026-47-A1FLF BOURNS-2026-47-A1FLF Datasheet
627Kb / 4P
   3-Pole Gas Discharge Tube
More results

Similar Description - 2026-47

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2026-35-C2F BOURNS-2026-35-C2F Datasheet
541Kb / 3P
   2026 Series - 3-Pole Gas Discharge Tube
2026-07 BOURNS-2026-07_15 Datasheet
627Kb / 4P
   3-Pole Gas Discharge Tube
2026 BOURNS-2026 Datasheet
655Kb / 4P
   3-Pole Gas Discharge Tube
2036-07 BOURNS-2036-07_16 Datasheet
426Kb / 3P
   Miniature 3-Pole Gas Discharge Tube
2036-25-B3 BOURNS-2036-25-B3 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2LF BOURNS-2036-07-C2LF Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-B3LF BOURNS-2036-07-B3LF Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-07-C2 BOURNS-2036-07-C2 Datasheet
223Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-35-C2 BOURNS-2036-35-C2 Datasheet
531Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
2036-23-B3FLF BOURNS-2036-23-B3FLF Datasheet
542Kb / 3P
   2036 Series - Miniature 3-Pole Gas Discharge Tube
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com