Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-16-6W_ Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # 2-16-6W_
Description  Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

2-16-6W_ Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  2-16-6W_ Datasheet HTML 1Page - Bourns Electronic Solutions 2-16-6W_ Datasheet HTML 2Page - Bourns Electronic Solutions 2-16-6W_ Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1.50
(.059)
DIA.
1.50
(.059)
DIA. MIN.
8.2
(.323)
5 °
4.9
(.193)
8.9
(.350)
2.00
(.079)
6.7
(.264)
7.1
(.280)
6.1
(.240)
6.6
(.260)
4.9
(.193)
1.75
(.069)
11.2
(.441)
16.00 ± 0.30
(.630 ± .012)
7.9
(.311)
7.50
(.295)
4.00
(.157)
12.00
(.472)
12.00
(.472)
1.50
(.059)
DIA.
1.50
(.059)
DIA. MIN.
2.00
(.079)
1.75
(.069)
16.00 ± 0.30
(.630 ± .012)
7.50
(.295)
4.00
(.157)
5 °
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RF2, RF3, RF4 Series - Wideband Transformers
REV. 10/12
Packaging Dimensions
Tape Dimensions for “W” Type
DIMENSIONS:
MM
(INCHES)
24
(0.95)
28.4
(1.12)
2.0
± 0.5
(.079
± .020)
50.0
(1.969)
330
(12.99)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
21.0
± 0.8
(.827
± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
Tape Dimensions for “J” Type


Similar Part No. - 2-16-6W_

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
2-16-6W DATATRONICS-2-16-6W Datasheet
360Kb / 2P
   Wideband RF Transformers
More results

Similar Description - 2-16-6W_

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28070A TI1-UCC28070A Datasheet
1Mb / 43P
[Old version datasheet]   Extended Frequency Range (10 kHz to 300 kHz)
logo
Pasternack Enterprises,...
PE15A2000 PASTERNACK-PE15A2000 Datasheet
825Kb / 10P
   500 MHz to 4 GHz Frequency Range
logo
QUARTZCOM the communica...
TXO-SW-S-8P QUARTZCOM-TXO-SW-S-8P Datasheet
227Kb / 1P
   SMD TCXO Sine wave Wide frequency range up to 500 MHz
logo
API Delevan
LC8502 API-LC8502 Datasheet
144Kb / 3P
   Low Cost RF Amplifier Frequency Range: 10-500 MHz
LC8501 API-LC8501 Datasheet
144Kb / 3P
   Low Cost RF Amplifier Frequency Range: 10-500 MHz
TN9560 API-TN9560 Datasheet
162Kb / 3P
   Standard Microwave Amplifier Frequency Range: 500 MHz to 6000 MHz
logo
EUROQUARTZ limited
EM62T33-32.768K-2.5 EUROQUARTZ-EM62T33-32.768K-2.5 Datasheet
123Kb / 1P
   HCMOS 6 pad SMD, kHz Range
EM64GT-KHZ EUROQUARTZ-EM64GT-KHZ Datasheet
138Kb / 1P
   CMOS 6 pad SMD, kHz Range
EM64T33-32.768K-2.5 EUROQUARTZ-EM64T33-32.768K-2.5 Datasheet
122Kb / 1P
   HCMOS 6 pad SMD, kHz Range
logo
QUARTZCOM the communica...
VTO-SW-S-8P QUARTZCOM-VTO-SW-S-8P Datasheet
150Kb / 1P
   SMD VC-TCXO Sine wave Wide frequency range up to 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com