Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE0064IPBK Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AFE0064IPBK
Description  64 Channel Analog Front End for Digital X-Ray Detector
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE0064IPBK Datasheet(HTML) 11 Page - Texas Instruments

Back Button AFE0064IPBK Datasheet HTML 7Page - Texas Instruments AFE0064IPBK Datasheet HTML 8Page - Texas Instruments AFE0064IPBK Datasheet HTML 9Page - Texas Instruments AFE0064IPBK Datasheet HTML 10Page - Texas Instruments AFE0064IPBK Datasheet HTML 11Page - Texas Instruments AFE0064IPBK Datasheet HTML 12Page - Texas Instruments AFE0064IPBK Datasheet HTML 13Page - Texas Instruments AFE0064IPBK Datasheet HTML 14Page - Texas Instruments AFE0064IPBK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
AFE0064
www.ti.com ........................................................................................................................................................................................ SLAS672 – SEPTEMBER 2009
As explained before the device samples the integrator output twice, Reset sample ( SHR) and Signal sample
(SHS).
VOUTM = REFM + (VSHS – VSHR)
VOUTP = REFP – (VSHS – VSHR)
Case 2: (Integrator down mode, INTUPz = 1)
As explained before the device samples the integrator output twice, Reset sample ( SHR) and Signal sample
(SHS).
VOUTM = REFP + (VSHS – VSHR)
VOUTP = REFM – (VSHS – VSHR)
The differential output from the AFE0064 rejects common-mode noise from the board helping to maximize noise
performance of the system. The following table provides details of integrator feedback ranges, feedback
capacitor, and corresponding AFE0064 output at zero and full scale input charge.
Table 1. AFE0064 Range Selection to Device Analog Output Mapping
REFP
2.25
REFP-REFM
1.4
REFM
0.85
INTEGRATE UP MODE
INTEGRATE DOWN MODE
(INTUPz=0), e– counting
(INTUPz=1), hole+ counting
At 0 charge I/p
At FS charge I/p
At 0 charge I/p
At FS charge I/p
Typical FS
Int FB Cap= (Qr)/
Range
Charge Range
(REFP-REFM)
OUTP
OUTM
OUTP
OUTM
OUTP
OUTM
OUTP
OUTM
(Qr) pC
… pF
0
0.13
0.0929
1
0.25
0.1786
2
0.5
0.3571
3
1.2
0.8571
2.25
0.85
0.85
2.25
0.85
2.25
2.25
0.85
4
2.4
1.7143
5
4.8
3.4286
6
7.2
5.1429
7
9.6
6.8571
The following section provides detailed timing of data read. There are two output drivers. Data for channel
number 63 to 32 is available on output driver 1 and data for channel number 31 to 0 is available on output driver
0. Data from two drivers can be available simultaneously or sequentially depending on the status of pin
SMT_MD.
Figure 5. Device Data Read in Sequential Mode (SMT_MD = 0)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :AFE0064


Similar Part No. - AFE0064IPBK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE0064IPBK TI-AFE0064IPBK Datasheet
545Kb / 25P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064IPBK TI1-AFE0064IPBK Datasheet
1Mb / 32P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064IPBKR TI-AFE0064IPBKR Datasheet
545Kb / 25P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064IPBKR TI1-AFE0064IPBKR Datasheet
1Mb / 32P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
More results

Similar Description - AFE0064IPBK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE0064 TI-AFE0064 Datasheet
545Kb / 25P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0064 TI1-AFE0064_14 Datasheet
1Mb / 32P
[Old version datasheet]   64 Channel Analog Front End for Digital X-Ray Detector
AFE0256 TI1-AFE0256 Datasheet
2Mb / 5P
[Old version datasheet]   256-Channel Analog Front-End for Flat-Panel Digital X-Ray Detector
AFE2256 TI1-AFE2256 Datasheet
72Kb / 6P
[Old version datasheet]   256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE1256 TI1-AFE1256 Datasheet
398Kb / 10P
[Old version datasheet]   256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2256 TI1-AFE2256_17 Datasheet
126Kb / 7P
[Old version datasheet]   256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
AFE2257 TI1-AFE2257 Datasheet
139Kb / 6P
[Old version datasheet]   256-Channel, analog front-end for digital X-ray, flat-panel detectors
AFE3256 TI-AFE3256 Datasheet
506Kb / 6P
[Old version datasheet]   AFE3256 256-Channel, Analog Front-End for Digital X-Ray, Flat-Panel Detectors
OCTOBER 2023
logo
Hamamatsu Corporation
S8559 HAMAMATSU-S8559_15 Datasheet
76Kb / 2P
   Detector for X-ray monitor
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com