Selected language     English  ▼


3-1-6W_ Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. 3-1-6W_
Description  Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 1 page
background image
Features
Fully encapsulated
Low profile
Low insertion loss
Frequency range 10 kHz to 500 MHz
Impedance levels from 12.5
Ω to 800 Ω
(nominal 50
Ω)
6 pin DIP and SMD
RoHS compliant**
RF2, RF3, RF4 Series - Wideband Transformers
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications @ 25 °C
Part Number
Ratio
Impedance
Frequency
MHz
Insertion Loss
Schematic
Type D
Type W
Type J
3 dB
MHz
2 dB
MHz
1 dB
MHz
2-1-1D_
2-1-1W_
2-1-1J_
1
.050-200
.050-200
.080-150
.20-80
RF2 Series
2-1-6D_
2-1-6W_
2-1-6J_
1
.030-300
.030-300
.100-150
.20-50
2-2-1D_
2-2-1W_
2-2-1J_
2
.070-200
.070-200
.100-100
.50-50
2-2.5-6D_
2-2.5-6W_
2-2.5-6J_
2.5
.010-100
.010-100
.020-50
.05-20
2-3-1D_
2-3-1W_
2-3-1J_
3
.050-250
.050-250
.100-200
.50-70
2-4-1D_
2-4-1W_
2-4-1J_
4
.200-350
.200-350
.350-300
2-100
2-4-6D_
2-4-6W_
2-4-6J_
4
.020-250
.020-250
.050-150
.10-100
2-5-1D_
2-5-1W_
2-5-1J_
5
.300-300
.300-300
.600-200
5-100
2-8-1D_
2-8-1W_
2-8-1J_
8
.030-140
.030-140
.100-90
1-60
2-13-1D_
2-13-1W_
2-13-1J_
13
.300-120
.300-120
.700-80
5-20
2-16-6D_
2-16-6W_
2-16-6J_
16
.030-75
.030-75
.060-30
10-20
3-1-1D_
3-1-1W_
3-1-1J_
1
.150-400
.150-400
.350-200
2-50
RF3 Series
3-1-6D_
3-1-6W_
3-1-6J_
1
.010-150
.010-150
.020-100
.05-50
3-1.5-1D_
3-1.5-1W_
3-1.5-1J_
1.5
.100-300
.100-300
.200-150
.50-80
3-1.5-6D_
3-1.5-6W_
3-1.5-6J_
1.5
.020-100
.020-100
.050-50
.10-25
3-2.5-6D_
3-2.5-6W_
3-2.5-6J_
2.5
.010-100
.010-100
.020-50
.05-20
3-4-6D_
3-4-6W_
3-4-6J_
4
.020-200
.020-200
.050-150
.10-100
3-9-1D_
3-9-1W_
3-9-1J_
9
.150-200
.150-200
.300-150
2-40
3-16-1D_
3-16-1W_
3-16-1J_
16
.300-120
.300-120
.700-80
.50-20
3-36-1D_
3-36-1W_
3-36-1J_
36
.030-20
.030-20
.050-10
.10-5
4-1-6D_
4-1-6W_
4-1-6J_
1
.040-500
.040-500
.200-200
1-50
RF4 Series
4-1.5-1D_
4-1.5-1W_
4-1.5-1J_
1.5
.075-500
.075-500
.200-100
.10-50
4-2.5-6D_
4-2.5-6W_
4-2.5-6J_
2.5
.010-50
.010-50
.025-25
.05-10
4-4-1D_
4-4-1W_
4-4-1J_
4
.050-200
.050-200
.200-50
1-30
4-25-1D_
4-25-1W_
4-25-1J_
25
.020-30
.020-30
.050-20
.10-10
Note
RF2 and RF3 are standard units. RF4 only on request.
Terminal Material: 97Sn/2.5Cu/0.5Ag
Operating Temperature Range: 0 °C to +70 °C
Storage Temperature Range: -40 °C to +85 °C




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl