Selected language     English  ▼


3-1-6W_ Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part No. 3-1-6W_
Description  Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 3 page
background image
1.50
(.059)
DIA.
1.50
(.059)
DIA. MIN.
8.2
(.323)
5 °
4.9
(.193)
8.9
(.350)
2.00
(.079)
6.7
(.264)
7.1
(.280)
6.1
(.240)
6.6
(.260)
4.9
(.193)
1.75
(.069)
11.2
(.441)
16.00 ± 0.30
(.630 ± .012)
7.9
(.311)
7.50
(.295)
4.00
(.157)
12.00
(.472)
12.00
(.472)
1.50
(.059)
DIA.
1.50
(.059)
DIA. MIN.
2.00
(.079)
1.75
(.069)
16.00 ± 0.30
(.630 ± .012)
7.50
(.295)
4.00
(.157)
5 °
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RF2, RF3, RF4 Series - Wideband Transformers
REV. 10/12
Packaging Dimensions
Tape Dimensions for “W” Type
DIMENSIONS:
MM
(INCHES)
24
(0.95)
28.4
(1.12)
2.0
± 0.5
(.079
± .020)
50.0
(1.969)
330
(12.99)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
13.0
± 0.5
(.512
± .020)
DIA.
21.0
± 0.8
(.827
± .031)
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
Tape Dimensions for “J” Type




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl