Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP19N20L Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQP19N20L
Description  200V LOGIC N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP19N20L Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQP19N20L Datasheet HTML 1Page - Fairchild Semiconductor FQP19N20L Datasheet HTML 2Page - Fairchild Semiconductor FQP19N20L Datasheet HTML 3Page - Fairchild Semiconductor FQP19N20L Datasheet HTML 4Page - Fairchild Semiconductor FQP19N20L Datasheet HTML 5Page - Fairchild Semiconductor FQP19N20L Datasheet HTML 6Page - Fairchild Semiconductor FQP19N20L Datasheet HTML 7Page - Fairchild Semiconductor FQP19N20L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
  
 
 
 
 

"!" !"!"
    

    !" # $%#&##'( # 
)*+#,-./*/Ω, 0 
-.1**.1µ /2/0 
"  !"  **µ 3%(%(  4
5 %   6   # 


  





D*
 D>* 
*,)*5,&7)µ(
&))


*
∆D*
$∆
D>* 
 
5,&7)µ(+ &78

) 'C

*$8
5
E;* 
*,&))**,)*


'
µ(
*,'C)*,'&78


')
µ(
5
;D/>
*,&)**,)*


'))
(
5
;D/>+!
*,&)**,)*


'))
(
 
*
; * 
*,*5,&7)µ(
' )

& )
*
+
  
+ 
*,')*5,') 7(
*,7*5,') 7(

) ''
) '&
) '-
) '7

   
*,3)*5,') 7(

': 7


 

5  
*,&7**,)*
,' )F#


'1))
&&))


  

&&)
&B)


+!  

3)
-)

   

 
*,'))*5,&'(
+,&7Ω


37
:)


+

3))
C')


 

'3)
&1)


 

':)
31)

G
 ;
*,'C)*5,&'(
*,7*


&1
37

G
; 

7 :


G
;

'' &


     
5
A 


&'
(
5
A9  


:-
(
*
 * 
*,)*5,&'(


' 7
*

+!+ !
*,)*5,&'(
5$,'))($µ

'-)


G
+!+ !

) CC

µ


Similar Part No. - FQP19N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP19N20 FAIRCHILD-FQP19N20 Datasheet
705Kb / 8P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP19N20 ISC-FQP19N20 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
More results

Similar Description - FQP19N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP4N20L FAIRCHILD-FQP4N20L Datasheet
506Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com