Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU-9150 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MPU-9150
Description  9-Axis Evaluation Board
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MPU-9150 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MPU-9150 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPU-9150 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPU-9150 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPU-9150 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPU-9150 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPU-9150 Datasheet HTML 9Page - List of Unclassifed Manufacturers MPU-9150 Datasheet HTML 10Page - List of Unclassifed Manufacturers MPU-9150 Datasheet HTML 11Page - List of Unclassifed Manufacturers MPU-9150 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MPU-9150 EV Board Application Note
Document Number: AN-MPU9150EVB-00
Revision: 1.0
Release Date: 05/11/2011
InvenSense, Inc., 1197 Borregas, Ave. Sunnyvale, CA 94089, USA
8
AN-MPU9150EVB-00
Tel: +1 (408) 988-7339 Fax: +1 (408) 988-8104
©2011 InvenSense, Inc. All rights reserved.
Website: http//www.invensense.com
5.
Bill of Materials
This section describes the Bill of Materials included in the MPU-9150 EV Board.
Table 1: Bill of Materials
Item
Quantity
Reference
Part
PCB Footprint
1
5
BP1,BP2,BP3,BP4,BP5
0.1uF
C0402
2
1
C1
2200pF/50V
C0402
3
2
C3,C2
0.47uF
C0603
4
1
C4
0.033uF
C0402
7
2
JP4,JP8
HEADER 3, 2.54mm, 180D,
Male
SIP-3P
9
1
JP12
HEADER 14X2, Male, 90D,
2.54mmx2.54mm
HDB2X14NRA
11
1
R3
10K
R0402
12
1
R4
1K
R0402
13
2
R6,R5
2K
R0402
14
1
R7
100K
R0402
15
2
R8,R11
0R
R0402
16
1
R10
1M
R0402
17
1
R12
2R2
R0603
19
1
U1
MPU-9150
LGA24_4x4(0.5pitch)
20
1
U2
YB1210ST25R300
SOT235
Table 2: Bill of Materials - Not Mounted
Item
Quantity
Reference
Part
PCB Footprint
10
4
R1,R2,R9, JP11
NM
varies


Similar Part No. - MPU-9150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPU-9150 TI1-MPU-9150 Datasheet
394Kb / 14P
[Old version datasheet]   BOOSTXL-SENSHUB Sensor Hub BoosterPack
logo
List of Unclassifed Man...
MPU-9150A ETC2-MPU-9150A Datasheet
3Mb / 52P
   Initial Release of Product Specification
More results

Similar Description - MPU-9150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202EB AD-ADXL202EB Datasheet
50Kb / 2P
   Dual Axis Accelerometer Evaluation Board
REV. 0
EVAL-ADXL330Z AD-EVAL-ADXL330Z Datasheet
69Kb / 2P
   Three-Axis Accelerometer Evaluation Board
REV. 0
logo
List of Unclassifed Man...
MC6470 ETC2-MC6470 Datasheet
2Mb / 64P
   9-Axis Sensor
logo
Monolithic Power System...
EV1528DQ-00A MPS-EV1528DQ-00A Datasheet
167Kb / 3P
   9 Lamp, 20mA Preciscion WLED Driver Evaluation Board
logo
TDK Electronics
DK-20948 TDK-DK-20948 Datasheet
360Kb / 1P
   9-Axis Motion Sensor
logo
List of Unclassifed Man...
MC7010 ETC2-MC7010 Datasheet
2Mb / 89P
   Virtual 9-Axis Sensor
logo
Cirrus Logic
CDB4334 CIRRUS-CDB4334 Datasheet
632Kb / 14P
   Evaluation Board for CS4334/8/9 Family of Products
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com