Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3269X-1-103GLF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 3269X-1-103GLF
Description  Square SMD Trimpot Trimming Potentiometer Stable, infi nite resolution cermet element
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3269X-1-103GLF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  3269X-1-103GLF Datasheet HTML 1Page - Bourns Electronic Solutions 3269X-1-103GLF Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Stable, infinite resolution cermet element
Vertical and horizontal adjust styles
Optional packaging on embossed tape
Compatible with surface mount manufacturing processes
RoHS compliant* - see processing information on RoHS compliant surface mount
trimmers
For trimmer applications/processing guidelines, click here
3269 - 1/4 ” Square SMD Trimpot® Trimming Potentiometer
Electrical Characteristics
Standard Resistance Range
........................10 ohms to 1 megohm
(see standard resistance table)
Resistance Tolerance ........... ±10 % std.
(closer tolerance available)
Absolute Minimum Resistance
........................... 1 % or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
........................ 3.0 % or 3 ohms max.
(whichever is greater)
Adjustability
Voltage Divider ...................... ±0.02 %
Rheostat................................ ±0.05 %
Resolution ................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level................................ 600 vac
80,000 Feet ............................ 250 vac
Effective Travel .................12 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
85 °C .................................... 0.25 watt
150 °C ....................................... 0 watt
Temperature Range ... -65 °C to +150 °C
Temperature Coefficient ... ±100 ppm/°C
Seal Test ......................85 °C Fluorinert†
Humidity .......MIL-STD-202 Method 106
(2 %
ΔTR; IR 100 Megohms)
Vibration ....... 30 G (1 %
ΔTR; 1 % ΔVR)
Shock ......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life .. 1,000 hours 0.25 watt @ 85 °C
(3 %
ΔTR; 3 % or 3 ohms
whichever is greater, CRV)
Rotational Life .......................200 cycles
(2 %
ΔTR; 3 % or 3 ohms,
whichever is greater, CRV)
Physical Characteristics
Torque............................. 2.5 oz-in. max.
Mechanical Stops................. Wiper idles
Terminals ....................... Solderable pins
Weight ..................................... 0.015 oz.
Marking........................... Manufacturer’s
trademark, resistance code,
wiring diagram, date code,
manufacturer’s model
number and style
Standard Packaging .....50 pcs. per tube
Adjustment Tool..............................H-90
Wiper ............... 50 % (Actual TR) ±10 %
Product Dimensions
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3269 X - 1 - 103 G LF
Model
Style
Standard or Modified
Product Indicator
For P pin style:
-1 = Terminals #1 & #3 away from
sprocket holes
For W & X pin styles:
-1 = Terminals #1 & #3 toward
sprocket holes
For P, W & X pin styles:
-11 = ±5 % TR
Resistance Code
Embossed Tape Designator
G = Embossed Tape
“P” Style - 750 pcs./13 ˝ reel
“W, X” Style - 500 pcs./13 ˝ reel
Terminations
LF =
100 % Tin-plated (RoHS compliant)
Blank = 90 % Tin / 10 % Lead-plated
(Standard)
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
Popular distribution values listed in boldface.
Special resistances available.
2.54
(.100)
2.54
(.100)
RECOMMENDED PCB
LAYOUT - "P"
RECOMMENDED PCB
LAYOUT - "W" & "X"
1.19
(.047)
TYP.
3.30
(.130)
TYP.
9.70
(.382)
2.54
(.100)
2.54
(.100)
1.19
(.047)
TYP.
2.79
(.110)
TYP.
7.62
(.300)
3269P
Common Dimensions
1.02
(.040)
1.78
(.070)
WIDE
X
X
DEEP
DIA.
.51
(.020)
.51
(.020)
ADJ. SLOT
1
2
3
1.52
± .38
(.060
± .015)
5.21 ± 0.63
(.205 ± .025)
6.35
± .51
(.250
± .020)
1.02
(.040)
TYP
3 PLCS.
2.54
(.100) TYP. 3 PLCS. 2.54
(.100)
2.54
(.100)
.46
± .03
(.018
± .001)
DIA. TYP.
.46
± .03
(.018
± .001)
DIA. TYP.
3269W
1
3
2
1.52
± .38
(.060
± .015)
1.02
(.040)
6.35
± .51
(.250
± .020)
SQ.
1.02
(.040)
7.44
(.293)
2.54
(.100)
2.54
(.100)
2.29
(.09)
TYP.
3 PLCS.
4.32
(.170)
1.02
(.040)
TYP
3269X
1.02
(.040)
1.52
± .38
(.060
± .015)
1.02
(.040)
7.44
(.293)
1
2
3
2.29
(.090)
TYP.
3 PLCS.
*RoHS Directive 2002/95/EC Jan. 27, 2003 including
annex and RoHS Recast 2011/65/EU June 8, 2011.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - 3269X-1-103GLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3269X-1-103GLF BOURNS-3269X-1-103GLF Datasheet
137Kb / 2P
   Square SMD Trimming Potentiometer
3269X-1-103GLF BOURNS-3269X-1-103GLF Datasheet
406Kb / 2P
   3269 - 1/4 Square SMD Trimpot짰 Trimming Potentiometer
More results

Similar Description - 3269X-1-103GLF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
   Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
   Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
   Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
   Square Trimpot Trimming Potentiometer
3361P-1-502GLF BOURNS-3361P-1-502GLF Datasheet
304Kb / 2P
   Square SMD Trimpot Trimming Potentiometer Miniature package
3361P-1-103GLF BOURNS-3361P-1-103GLF Datasheet
304Kb / 2P
   3361 - 1/4 Square SMD Trimpot Trimming Potentiometer
3269W-1-202 BOURNS-3269W-1-202 Datasheet
407Kb / 2P
   3269 - 1/4 ??Square SMD Trimpot Trimming Potentiometer
3269W-1-104G BOURNS-3269W-1-104G Datasheet
328Kb / 2P
   3269 - 1/4 Square SMD Trimpot Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
   1/2 Square Trimpot Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com