Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3314J-1-502E Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # 3314J-1-502E
Description  Square Trimpot Trimming Potentiometer J-hook, gull-wing and pinned configurations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3314J-1-502E Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  3314J-1-502E Datasheet HTML 1Page - Bourns Electronic Solutions 3314J-1-502E Datasheet HTML 2Page - Bourns Electronic Solutions 3314J-1-502E Datasheet HTML 3Page - Bourns Electronic Solutions 3314J-1-502E Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
3314 - 4 mm Square Trimpot® Trimming Potentiometer
Product Dimensions
Packaging Specifications
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
2.54
(0.10)
1.27
(0.50)
1.19
(0.047)
1.29
(0.051)
0.61
(.024)
3.18
(.125)
5.01
(.197)
3.32
(0.131)
0.96
(.038)
5.56
(0.219)
2.54
(0.10)
1.3
(0.051)
3.48
(.137)
2.01
(.079)
2.01
(.079)
2.01
(.079)
RECOMMENDED PCB LAYOUT
0.26
(.010)
0.21
(.008)
5.76
(0.227)
3.08
(0.121)
3314Z-1-(RC) E
(Cross Slot)
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
3314Z-4-(RC) E
(Reverse Marking, Cross Slot)
1
2
3
3314Z-GA4-(RC) E
(Straight Slot)
ROTOR POSITIONED AS SHOWN
WITHIN
± 22 ° OF CENTERLINE
OF TERMINAL 2
1
2
3
3314Z-3
(Reverse Marking, Straight Slot)
3314Z
Common Dimensions
16.00
(.630)
1.50 + 0.10/-0.0
(0.59 +.004/-.0)
DIA.
MIN.
DIA.
1.50
(.059)
12.00
(.472)
7.5
(.295)
TAPE
1.75
(.069)
2.00 ± 0.10
(.079 ± .004)
5.50 ± 0.10
(.217 ± .004)
5.50 ± 0.10
(.217 ± .004)
4.00 ± 0.10
(.157 ± .004)
5 ° MAX.
MAX.
0.40
(.016)
(Z Style)
177.8 ± 2.03
(7.00 ± .080)
13.0 ± 0.51
(.512 ± .020)
DIA.
1.50
(.059)
20.2
(.795)
22.4
(.882)
50.00
(1.969)
16.4 + 2.0/ -.000
(.646 + .079/ - .000)
(MEASURED AT HUB)
REEL
* Embossed Tape Designator "E"
** Embossed Tape Designator "G"
(See How To Order chart for further information.)
Meets EIA specification 481.
DIA.*
MIN. DIA.
MIN.
MAX.
(MEASURED
AT
HUB)
330.2 ± 2.0
(13.00 ± .079)
DIA.**
5.59 ± 0.10
(.220 ± .004)
EQUAL SPACED 3 PLCS.
MIN.
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER
REV. 05/13


Similar Part No. - 3314J-1-502E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314J-1-502E BOURNS-3314J-1-502E Datasheet
239Kb / 4P
   4 mm Square Trimming Potentiometer
3314J-1-502E BOURNS-3314J-1-502E Datasheet
485Kb / 4P
   3314 - 4 mm Square Trimming Potentiometer
3314J-1-502E BOURNS-3314J-1-502E Datasheet
619Kb / 5P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314J-1-502E BOURNS-3314J-1-502E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
3314J-1-502E BOURNS-3314J-1-502E Datasheet
587Kb / 4P
   3314 - 4 mm Square Trimpot Trimming Potentiometer
More results

Similar Description - 3314J-1-502E

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ24FL202 BOURNS-RJ24FL202_12 Datasheet
184Kb / 1P
   Square Trimpot Trimming Potentiometer
RT22C2P501 BOURNS-RT22C2P501 Datasheet
143Kb / 1P
   Square Trimpot Trimming Potentiometer
RT26 BOURNS-RT26 Datasheet
120Kb / 1P
   Square Trimpot Trimming Potentiometer
RT24C2P501 BOURNS-RT24C2P501 Datasheet
187Kb / 1P
   Square Trimpot Trimming Potentiometer
3260 BOURNS-3260 Datasheet
108Kb / 1P
   1/4 ??Square Trimpot Trimming Potentiometer
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
   1/2 Square Trimpot Trimming Potentiometer
3266P-1-253LF BOURNS-3266P-1-253LF Datasheet
364Kb / 2P
   3266 - 1/4 Square Trimpot Trimming Potentiometer
3318F1503A BOURNS-3318F1503A Datasheet
245Kb / 2P
   3318 - 6 mm Square Trimpot Trimming Potentiometer
3386H-1-502LF BOURNS-3386H-1-502LF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
3386X-1-103TLF BOURNS-3386X-1-103TLF Datasheet
407Kb / 3P
   3386 - 3/8 Square Trimpot Trimming Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com