Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADAU1978WBCPZ-RL Datasheet(PDF) 4 Page - Analog Devices

Part # ADAU1978WBCPZ-RL
Description  Quad Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1978WBCPZ-RL Datasheet(HTML) 4 Page - Analog Devices

  ADAU1978WBCPZ-RL Datasheet HTML 1Page - Analog Devices ADAU1978WBCPZ-RL Datasheet HTML 2Page - Analog Devices ADAU1978WBCPZ-RL Datasheet HTML 3Page - Analog Devices ADAU1978WBCPZ-RL Datasheet HTML 4Page - Analog Devices ADAU1978WBCPZ-RL Datasheet HTML 5Page - Analog Devices ADAU1978WBCPZ-RL Datasheet HTML 6Page - Analog Devices ADAU1978WBCPZ-RL Datasheet HTML 7Page - Analog Devices ADAU1978WBCPZ-RL Datasheet HTML 8Page - Analog Devices ADAU1978WBCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
ADAU1978
Data Sheet
Rev. 0 | Page 4 of 44
POWER SUPPLY SPECIFICATIONS
AVDD = 3.3 V, DVDD = 1.8 V, IOVDD = 3.3 V, and fS = 48 kHz (master mode), unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SUPPLY
DVDD
On-chip low dropout (LDO) regulator
1.62
1.8
1.98
V
AVDDx
AVDD
3.0
3.3
3.6
V
IOVDD
IOVDD
1.62
3.3
3.6
V
IOVDD CURRENT
Master clock = 256 × fS
Normal Operation
fS = 48 kHz
450
µA
fS = 96 kHz
880
µA
fS = 192 kHz
1.75
mA
Power-Down
fS = 48 kHz to 192 kHz
20
µA
AVDDx CURRENT
Normal Operation
4-channel ADC, DVDD internal
14
mA
4-channel ADC, DVDD external
9.5
mA
Power-Down
270
µA
DVDD CURRENT
Normal Operation
DVDD external
4.5
mA
Power-Down
65
µA
POWER DISSIPATION
Normal Operation
Master clock = 256 fS, 48 kHz
Analog Supply
DVDD internal
46.2
mW
DVDD external
31
mW
Digital Supply
DVDD external
8.1
mW
Digital I/O Supply
IOVDD = 3.3 V
1.49
mW
Power-Down, All Supplies
960
µW
DIGITAL FILTER SPECIFICATIONS
Table 4.
Parameter
Mode
Factor
Min
Typ
Max
Unit
ADC DECIMATION FILTER
All modes, typical at fS = 48 kHz
Pass Band
0.4375 × fS
21
kHz
Pass-Band Ripple
±0.015
dB
Transition Band
0.5 × fS
24
kHz
Stop Band
0.5625 × fS
27
kHz
Stop-Band Attenuation
79
dB
Group Delay
fS = 8 kHz to 96 kHz
22.9844/fS
479
µs
fS = 192 kHz
35
µs
HIGH-PASS FILTER
All modes, typical at 48 kHz
Cutoff Frequency
At −3 dB point
0.9375
Hz
Phase Deviation
At 20 Hz
10
Degrees
Settling Time
1
sec
ADC DIGITAL GAIN
All modes
0
60
dB
Gain Step Size
0.375
dB


Similar Part No. - ADAU1978WBCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1978WBCPZ-RL AD-ADAU1978WBCPZ-RL Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
More results

Similar Description - ADAU1978WBCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
ADAU1978 AD-ADAU1978_14 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
AD9642 AD-AD9642_17 Datasheet
1Mb / 29P
   1.8 V Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Motorola, Inc
MC144112 MOTOROLA-MC144112 Datasheet
87Kb / 6P
   Quad Six-Bit Digital-to-Analog Converter
logo
Analog Devices
AD9268 AD-AD9268_17 Datasheet
2Mb / 45P
   1.8 V Dual Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com