Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYV27-150 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYV27-150
Description  Ultra-Fast Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYV27-150 Datasheet(HTML) 1 Page - Vishay Siliconix

  BYV27-150 Datasheet HTML 1Page - Vishay Siliconix BYV27-150 Datasheet HTML 2Page - Vishay Siliconix BYV27-150 Datasheet HTML 3Page - Vishay Siliconix BYV27-150 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYV27-50, BYV27-100, BYV27-150, BYV27-200
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 04-Sep-12
1
Document Number: 86042
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultra-Fast Avalanche Sinterglass Diode
MECHANICAL DATA
Case: SOD-57
Terminals: plated axial leads, solderable per MIL-STD-750,
method 2026
Polarity: color band denotes cathode end
Mounting position: any
Weight: approx. 369 mg
FEATURES
• Controlled avalanche characteristic
• Low forward voltage
• Ultra fast recovery time
• Glass passivated junction
• Hermetically sealed package
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Very fast rectification diode e.g. for switch mode power
supply
949539
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BYV27-200
BYV27-200-TR
5000 per 10" tape and reel
25 000
BYV27-200
BYV27-200-TAP
5000 per ammopack
25 000
PARTS TABLE
PART
TYPE DIFFERENTIATION
PACKAGE
BYV27-50
VR = 50 V; IF(AV) = 2 A
SOD-57
BYV27-100
VR = 100 V; IF(AV) = 2 A
SOD-57
BYV27-150
VR = 150 V; IF(AV) = 2 A
SOD-57
BYV27-200
VR = 200 V; IF(AV) = 2 A
SOD-57
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Peak reverse voltage, non repetitive
See electrical characteristics
BYV27-50
VRSM
55
V
BYV27-100
VRSM
110
V
BYV27-150
VRSM
165
V
BYV27-200
VRSM
220
V
Reverse voltage = repetitive peak reverse
voltage
See electrical characteristics
BYV27-50
VR = VRRM
50
V
BYV27-100
VR = VRRM
100
V
BYV27-150
VR = VRRM
150
V
BYV27-200
VR = VRRM
200
V
Peak forward surge current
tp = 10 ms, half sine wave
IFSM
50
A
Repetitive peak forward current
IFRM
15
A
Average forward current
IF(AV)
2A
Pulse energy in avalanche
mode, non repetitive (inductive
load switch off)
I(BR)R = 1 A, Tj = 175 °C
ER
20
mJ
Junction and storage temperature range
Tj = Tstg
- 55 to + 175
°C
MAXIMUM THERMAL RESISTANCE (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
l = 10 mm, TL = constant
RthJA
45
K/W
On PC board with spacing 25 mm
RthJA
100
K/W


Similar Part No. - BYV27-150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV27-150 PHILIPS-BYV27-150 Datasheet
110Kb / 16P
   Ultra fast low-loss controlled avalanche rectifiers
1997 Nov 24
logo
Shenzhen Luguang Electr...
BYV27-150 LUGUANG-BYV27-150 Datasheet
1Mb / 2P
   Super Fast Rectifier
logo
Vishay Siliconix
BYV27-150 VISHAY-BYV27-150 Datasheet
43Kb / 4P
   Ultra Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
logo
New Jersey Semi-Conduct...
BYV27-150 NJSEMI-BYV27-150 Datasheet
82Kb / 1P
   High Efficiency, 2.5A
logo
General Semiconductor
BYV27-150 GE-BYV27-150 Datasheet
53Kb / 2P
   GLASS PASSIVATED FAST EFFICIENT RECTIFIER
More results

Similar Description - BYV27-150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYV27-600 VISHAY-BYV27-600 Datasheet
115Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.6, 04-Aug-10
BYV28-600-TR VISHAY-BYV28-600-TR Datasheet
111Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Sep-12
logo
Digitron Semiconductors
BYV27-50 DIGITRON-BYV27-50 Datasheet
92Kb / 3P
   ULTRA FAST AVALANCHE SINTERGLASS DIODE
logo
Vishay Siliconix
BYV28-50 VISHAY-BYV28-50_V01 Datasheet
126Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_15 Datasheet
127Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV27-50 VISHAY-BYV27-50_15 Datasheet
129Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26E-TR VISHAY-BYV26E-TR Datasheet
121Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BYV26A VISHAY-BYV26A_10 Datasheet
114Kb / 4P
   Ultra Fast Avalanche Sinterglass Diode
Rev. 1.7, 04-Aug-10
logo
Nanjing International G...
BYV26E DGNJDZ-BYV26E Datasheet
175Kb / 2P
   Ultra Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BYT53A VISHAY-BYT53A_V01 Datasheet
136Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV26A VISHAY-BYV26A_V01 Datasheet
134Kb / 4P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com