Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84B2V4-E3-08 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BZX84B2V4-E3-08
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84B2V4-E3-08 Datasheet(HTML) 5 Page - Vishay Siliconix

  BZX84B2V4-E3-08 Datasheet HTML 1Page - Vishay Siliconix BZX84B2V4-E3-08 Datasheet HTML 2Page - Vishay Siliconix BZX84B2V4-E3-08 Datasheet HTML 3Page - Vishay Siliconix BZX84B2V4-E3-08 Datasheet HTML 4Page - Vishay Siliconix BZX84B2V4-E3-08 Datasheet HTML 5Page - Vishay Siliconix BZX84B2V4-E3-08 Datasheet HTML 6Page - Vishay Siliconix BZX84B2V4-E3-08 Datasheet HTML 7Page - Vishay Siliconix BZX84B2V4-E3-08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BZX84-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Feb-13
5
Document Number: 85763
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Dynamic Resistance vs. Zener Voltage
Fig. 8 - Temperature Dependence of Zener Voltage vs.
Zener Voltage
Fig. 9 - Change of Zener Voltage vs. Junction Temperature
Fig. 10 - Temperature Dependence of Zener Voltage vs.
Zener Voltage
Fig. 11 - Change of Zener Voltage vs. Junction Temperature
Fig. 12 - Change of Zener Voltage from Turn-on up to the Point of
Thermal Equilibrium vs. Zener Voltage
18122
100
7
5
4
3
2
7
5
4
3
2
1
Ω
R
zj
10
T
j = 25 °C
I
Z = 5 mA
1
23
4
5
23
4
5
10
100 V
V
Z
18123
Δ
25
20
15
10
5
0
- 5
mV/°C
Δ
V
Z
T
j
1
23
4
5
23
4
5
10
100 V
V
Z
5 mA
1 mA
20 mA
I
Z =
18124
V
Z at IZ = 5 mA
25
15
10
8
7
6.2
5.9
5.6
5.1
4.7
3.6
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
- 1
- 0.2
V
Z
V
T
j
020
40
60
80
100 120 140 C
Δ
18125
Δ
100
80
60
40
20
0
mV/°C
Δ
V
Z
T
j
0
20
40
80
60
100 V
V
Z
I
Z = 5 mA
18126
Δ
9
7
5
3
1
- 1
V
VZ
8
6
4
2
0
0
100
60
Tj
20
40
120
80
140 °C
IZ = 2 mA
51
43
36
18127
Δ
1.6
1.2
0.8
0.4
0
- 0.4
V
V
Z
1.4
1
0.6
0.2
- 0.2
1
23
4
5
23
4
5
10
100 V
V
Z at IZ = 5 mA
V
Z = Rzth x IZ
Δ


Similar Part No. - BZX84B2V4-E3-08

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZX84B2V4-AU PANJIT-BZX84B2V4-AU Datasheet
338Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84B2V4-AU_A0_00001 PANJIT-BZX84B2V4-AU_A0_00001 Datasheet
338Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84B2V4-AU_A0_10001 PANJIT-BZX84B2V4-AU_A0_10001 Datasheet
338Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84B2V4-AU_A1_00001 PANJIT-BZX84B2V4-AU_A1_00001 Datasheet
338Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84B2V4-AU_A1_10001 PANJIT-BZX84B2V4-AU_A1_10001 Datasheet
338Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZX84B2V4-E3-08

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com