Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2TO035CR0100FRE3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # D2TO035CR0100FRE3
Description  Surface Mount Power Resistor Thick Film Technology
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D2TO035CR0100FRE3 Datasheet(HTML) 4 Page - Vishay Siliconix

  D2TO035CR0100FRE3 Datasheet HTML 1Page - Vishay Siliconix D2TO035CR0100FRE3 Datasheet HTML 2Page - Vishay Siliconix D2TO035CR0100FRE3 Datasheet HTML 3Page - Vishay Siliconix D2TO035CR0100FRE3 Datasheet HTML 4Page - Vishay Siliconix D2TO035CR0100FRE3 Datasheet HTML 5Page - Vishay Siliconix D2TO035CR0100FRE3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
D2TO35
www.vishay.com
Vishay Sfernice
Revision: 22-Apr-13
4
Document Number: 51058
For technical questions, contact: sfer@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OVERLOADS
In any case the applied voltage must be lower than the
maximum overload voltage of 750 V. The values indicated
on the graph below are applicable to resistors in air or
mounted onto a board.
ENERGY CURVE
POWER CURVE
POWER RATING
The temperature of the case should be maintained within the
limits specified.
MARKING
Model, style, resistance value (in
), tolerance (in %),
manufacturing date, Vishay Sfernice trademark
0.001
0.01
0.1
1
10
100
OVERLOAD DURATION IN s
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
100
1000
10 000
100 000
OVERLOAD DURATION IN s
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
PACKAGING
• Reel
•Tube
• Tape dimensions (mm) for reel:
100
75
50
25
0
CASE TEMPERATURE IN °C
120
0
20
40
60
80
100
120
140
160
175
16
10.6
15.8
24
4.9


Similar Part No. - D2TO035CR0100FRE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO035CR2000KRE3 VISHAY-D2TO035CR2000KRE3 Datasheet
107Kb / 5P
   Surface Mounted Power Resistor Thick Film Technology
Revision: 19-Jul-11
More results

Similar Description - D2TO035CR0100FRE3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D2TO20 VISHAY-D2TO20_V01 Datasheet
137Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
01-Jan-2022
D2TO035C10R00FTE3 VISHAY-D2TO035C10R00FTE3 Datasheet
142Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
Revision: 31-Oct-13
D2TO20 VISHAY-D2TO20_15 Datasheet
139Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
Revision: 10-Feb-15
D2TO35 VISHAY-D2TO35_15 Datasheet
125Kb / 6P
   Surface Mount Power Resistor Thick Film Technology
Revision: 23-Sep-15
DTO25 VISHAY-DTO25_V01 Datasheet
186Kb / 7P
   Surface Mounted Power Resistor Thick Film Technology
01-Jan-2022
DTO35 VISHAY-DTO35_V01 Datasheet
130Kb / 6P
   Surface Mounted Power Resistor Thick Film Technology
01-Jan-2022
D2TO20 VISHAY-D2TO20 Datasheet
96Kb / 5P
   Surface Mounted Power Resistor Thick Film Technology
Revision: 10-Feb-15
D2TO35 VISHAY-D2TO35 Datasheet
107Kb / 5P
   Surface Mounted Power Resistor Thick Film Technology
Revision: 19-Jul-11
DTO35 VISHAY-DTO35 Datasheet
135Kb / 6P
   Surface Mounted Power Resistor Thick Film Technology
DTO25 VISHAY-DTO25 Datasheet
154Kb / 6P
   Surface Mounted Power Resistor Thick Film Technology
Revision: 23-Sep-15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com