Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC9S08QE4CWL Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC9S08QE4CWL
Description  Taking the lead in low power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE4CWL Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9S08QE4CWL Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QE4CWL Datasheet HTML 2Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8-bit Fact Sheet
LearnMore:
For more information about the
Flexis QE family, please visit
www.freescale.com/lowpower.
Freescale and the Freescale logo are trademarks or registered trademarks of Freescale Semiconductor, Inc. in the U.S. and other
countries. All other product or service names are the property of their respective owners.
© Freescale Semiconductor, Inc. 2009.
DocumentNumber:QE84FS
REV 2
Features
Benefits
Peripherals
• Analog-to-digitalconverter(ADC)—10-channel,
12-bitresolution;2.5µsconversiontime;automatic
comparefunction;internaltemperaturesensor;
internalbandgapreferencechannel;operation
in stop mode
• Having10channelsallowsupto10analog
devices to be sampled at extremely high speeds
• Accuracyandfullfunctionalityguaranteedacross
1.8Vto3.6VoperatingvoltageoftheMCU
• Timer—two3-channel(TPM1andTPM2);
selectable input capture, output compare, or
buffered edge- or center-aligned PWM on each
channel
• TwoTPMsallowfortwodifferenttimebases,
with a total of twelve timer channels
• SerialCommunicationsInterface(SCI)—module
offering asynchronous communications,13-bit break
option,flexiblebaudrategenerator,doublebuffered
transmitandreceiveandoptionalH/Wparity
checking and generation
• ProvidesstandardUARTcommunicationsperipheral
• Allowsfull-duplex,asynchronous,NRZserial
communication between MCU and remote devices
• EdgeinterruptcanwakeupMCUfrom
low-power mode
• Twoanalogcomparatorswithoptiontocompare
to an internal reference—output can be optionally
routedtotimer/pulsewidthmodulator(PWM)as
input capture trigger
• Requiresonlysinglepinforinputsignal,freeing
additional pins for other use
• Allowsothercomponentsinsystemtoseeresult
of comparator with minimal delay
• CanbeusedforsingleslopeADCandRCtime
constant measurements
• SerialPeripheralInterface(SPI)—onemodule
withfull-duplexorsingle-wirebidirectional;
double-bufferedtransmitandreceive;master
orslavemode;MSB-firstorLSB-firstshifting
• Allowshighspeed(upto5Mbps)communications
to other MCUs or peripherals such as MC1319x
RF transceivers
• I2C with up to 100 kbps with maximum
busloading;multi-masteroperation;programmable
slaveaddress;interrupt-drivenbyte-by-byte
datatransfer;supportsbroadcastmodeand
10-bit addressing
• I2C port enables increased system memory by
using an additional I2CEEPROM.Thisalsocreates
an opportunity to add an additional I2C device.
Input/Output
• 27GeneralPurposeInput/Output(GPIO),
one input-only and one output-only pin
• ResultsinlargenumberofflexibleI/Opinsthatallow
developers to easily interface device into their
own designs
• 8KeyboardInterrupts(KBI)pinswith
selectable polarity
• Canbeusedforreadinginputfromakeypador
used as general pin interrupts
System Protection
• Watchdogcomputeroperatingproperly(COP)
reset with option to run from dedicated 1 kHz
internal clock source or bus clock
• Allowsdevicetorecognizerunawaycode
(infiniteloops)andresetsprocessortoavoid
lock-up states
• Low-voltagedetectionwithresetorinterrupt;
selectable trip points
• Alarmsthedeveloperofvoltagedropsoutside
of the typical operating range
• Illegalopcodeandillegaladdressdetection
with reset
• Allowsthedevicetorecognizeerroneouscode
and resets the processor to avoid lock-up states
• Flashblockprotection
• Preventsunintentionalprogrammingofprotected
flashmemory,whichgreatlyreducesthechanceof
losing vital system code for vendor applications
Development Support
• Single-wirebackgrounddebuginterface
• Allowsdeveloperstousethesamehardware
cables between S08 and V1 ColdFire® platforms
• Breakpointcapability
• Allowssinglebreakpointsettingduringin-circuit
debugging (plus three more breakpoints in on-chip
debug module)
• ICEdebugmodulecontainingthreecomparators
andninetriggermodes.EightdeepFIFOfor
storingchange-of-flowaddressesandevent-only
data—debug module supports both tag and
force breakpoints.
• Providesbuilt-infullemulationwithoutexpenseof
traditional emulator
Cost-Effective Development Tools
DEMO9S08QE8
$69*
Cost-effective demonstration kit including the
QE8 daughter card, as well as serial port and
built-in USB-BDM cable for debugging and
programming. This tool includes a lab that
demonstrates the ultra-low-power benefits.
DC9S08QE8
$10*
Daughter card of QE8 to use on your
DEMOQE128demonstrationkit.
CodeWarrior® Development Studio
for Microcontrollers 6.1
Complimentary**SpecialEdition
CodeWarrior Development Studio for
Microcontrollers is a single tool suite
that supports software development for
Freescale’s 8- and 32-bit V1 ColdFire
microcontrollers. Designers can further
accelerate application development with the
help of Processor Expert™, an award-winning
rapid application development tool integrated
into the CodeWarrior tool suite.
* Prices indicated are MSRP
** Subject to license agreement
Package Options
Part Number
Temp. Range
Package
MC9S08QE4CPG
-40°C to +85°C
16-pin PDIP
MC9S08QE4CTG
-40°C to +85°C
16-pin TSSOP
MC9S08QE4CWJ
-40°C to +85°C
20-pin SOIC
MC9S08QE4CWL
-40°C to +85°C
28-pin SOIC
MC9S08QE4CLC
-40°C to +85°C
32-pin LQFP
MC9S08QE8CPG
-40°C to +85°C
16-pin PDIP
MC9S08QE8CTG
-40°C to +85°C
16-pin TSSOP
MC9S08QE8CWJ
-40°C to +85°C
20-pin SOIC
MC9S08QE8CWL
-40°C to +85°C
28-pin SOIC
MC9S08QE8CLC
-40°C to +85°C
32-pin LQFP


Similar Part No. - MC9S08QE4CWL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
2Mb / 56P
   Blood Pressure Monitor Using the Flexis QE128 Family
logo
NXP Semiconductors
MC9S08QE128 NXP-MC9S08QE128 Datasheet
2Mb / 138P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08QE128 NXP-MC9S08QE128 Datasheet
958Kb / 42P
   Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results

Similar Description - MC9S08QE4CWL

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE16CLD FREESCALE-MC9S08QE16CLD Datasheet
240Kb / 2P
   MC9S08QE32/16 Taking the lead in low power
logo
Murata Manufacturing Co...
NCP18XF101E03RB MURATA-NCP18XF101E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XF151J03RB MURATA-NCP18XF151J03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XW472E03RB MURATA-NCP18XW472E03RB Datasheet
191Kb / 3P
   lead is not contained in the product
PRF18BE471QS2RB MURATA-PRF18BE471QS2RB Datasheet
205Kb / 3P
   lead is not contained in the terminations
NCP18WM154E03RB MURATA-NCP18WM154E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
PRF18BG471QS2RB MURATA-PRF18BG471QS2RB Datasheet
205Kb / 3P
   lead is not contained in the terminations
PRF18BC471RS2RB MURATA-PRF18BC471RS2RB Datasheet
205Kb / 3P
   lead is not contained in the terminations
NCP18XF101J03RB MURATA-NCP18XF101J03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XF151E03RB MURATA-NCP18XF151E03RB Datasheet
185Kb / 3P
   lead is not contained in the product
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com