Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V4 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # BZX84C2V4
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C2V4 Datasheet(HTML) 7 Page - Vishay Siliconix

  BZX84C2V4 Datasheet HTML 1Page - Vishay Siliconix BZX84C2V4 Datasheet HTML 2Page - Vishay Siliconix BZX84C2V4 Datasheet HTML 3Page - Vishay Siliconix BZX84C2V4 Datasheet HTML 4Page - Vishay Siliconix BZX84C2V4 Datasheet HTML 5Page - Vishay Siliconix BZX84C2V4 Datasheet HTML 6Page - Vishay Siliconix BZX84C2V4 Datasheet HTML 7Page - Vishay Siliconix BZX84C2V4 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BZX84-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 28-Feb-13
7
Document Number: 85763
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAYOUT FOR RthJA TEST
Thickness: fiberglass 0.059" (1.5 mm)
Copper leads 0.012" (0.3 mm)
PACKAGE DIMENSIONS in millimeters (inches): SOT-23
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)
Foot print recommendation:
Rev. 8 - Date: 23.Sept.2009
17418
Document no.: 6.541-5014.01-4
0.9 (0.035)
1 (0.039)
0.9 (0.035)
1 (0.039)
0.45 (0.018)
0.35 (0.014)
2.8 (0.110)
3.1 (0.122)
0.45 (0.018)
0.35 (0.014)
0.45 (0.018)
0.35 (0.014)
2.35 (0.093)
2.6 (0.102)
0.95 (0.037)
0.95 (0.037)
0.7 (0.028)
0.3 (0.012)
0.5 (0.020)
0.550 ref. (0.022 ref.)


Similar Part No. - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BZX84C2V4 LUGUANG-BZX84C2V4 Datasheet
361Kb / 4P
   350mW Surface Mount Zener Diode
logo
Won-Top Electronics
BZX84C2V4 WTE-BZX84C2V4 Datasheet
56Kb / 4P
   350mW SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZX84C2V4 DIODES-BZX84C2V4 Datasheet
204Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
MAKO SEMICONDUCTOR CO.,...
BZX84C2V4 MAKOSEMI-BZX84C2V4 Datasheet
825Kb / 5P
   SOT-23 Plastic-Encapsulate Diodes
logo
Diotec Semiconductor
BZX84C2V4 DIOTEC-BZX84C2V4 Datasheet
120Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - BZX84C2V4

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com