Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZD27C16PGS18 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BZD27C16PGS18
Description  Zener Diodes with Surge Current Specification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZD27C16PGS18 Datasheet(HTML) 6 Page - Vishay Siliconix

  BZD27C16PGS18 Datasheet HTML 1Page - Vishay Siliconix BZD27C16PGS18 Datasheet HTML 2Page - Vishay Siliconix BZD27C16PGS18 Datasheet HTML 3Page - Vishay Siliconix BZD27C16PGS18 Datasheet HTML 4Page - Vishay Siliconix BZD27C16PGS18 Datasheet HTML 5Page - Vishay Siliconix BZD27C16PGS18 Datasheet HTML 6Page - Vishay Siliconix BZD27C16PGS18 Datasheet HTML 7Page - Vishay Siliconix BZD27C16PGS18 Datasheet HTML 8Page - Vishay Siliconix BZD27C16PGS18 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 85810
Rev. 1.8, 13-Apr-05
BZD27C3V6P to BZD27C200P
Vishay Semiconductors
Blistertape for SMF
18513
PS


Similar Part No. - BZD27C16PGS18

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C16P VAISH-BZD27C16P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C16P SUNMATE-BZD27C16P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C16P TSC-BZD27C16P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
BZD27C16P TSC-BZD27C16P Datasheet
204Kb / 6P
   1W, 6.8V - 220V Voltage Regulator Diodes
BZD27C16P TSC-BZD27C16P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C16PGS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com