Electronic Components Datasheet Search |
|
MOV-14D680K Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
MOV-14D680K Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 4 page Features n Highvoltagerating n Highcurrentrating n Bidirectional n Surgeprotection n Fastresponsetime n RoHScompliant* n Agencylisting: Applications n Powersupplies n Powersystems n Linevoltage n Telecomsystems n Whitegoods/appliances MOV-14DxxxKSeries-MetalOxideVaristor *RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011. Specificationsaresubjecttochangewithoutnotice. Customersshouldverifyactualdeviceperformanceintheirspecificapplications. Industry Standard Compliance Standard UL 1449 File Number E313168 General Information The MOV-14DxxxK Series of 14 mm radial leaded varistor devices protects against overvoltage transients such as lightning, power contact and power induction. The metal oxide varistors offer a choice of varistor voltages from 18 V to 1800 V and Vrms voltages from 11 V to 1100 V. The devices have a high current handling, high energy absorption capability and fast response times to protect against transient faults up to rated limits. Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted) Parameter Symbol Min. Typ. Max. Unit Operating Temperature TOPR -40 25 +85 ˚C Storage Temperature TSTG -40 25 +125 ˚C Rated Wattage Pw 0.60 Watt Varistor Voltage Temperature Coefficient VTC 0 0.1 0.05 % / ˚C Response Time Tr 10 25 ns Varistor Voltage Tolerance Vtol -10 0 10 % Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted) Bourns Part No. Max. Continuous Voltage (V) Voltage @ 1 mA DC (V) Voltage @ Class Current Max. Peak Current Max. Energy Max. Cap. (8/20 μs) (8/20 μs) (J) (pF) r.m.s. d.c. Min. Nom. Max. Class Current (A) Max. Clamping Voltage (V) One Time 8/20 μs 1 kHz MOV-14D180K 11 14 16 18 20 10 36 1000 4.0 11100 MOV-14D220K 14 18 20 22 24 10 43 1000 5.0 9100 MOV-14D270K 17 22 24 27 30 10 53 1000 6.0 7400 MOV-14D330K 20 26 30 33 36 10 65 1000 7.5 6100 MOV-14D390K 25 31 35 39 43 10 77 1000 8.6 5100 MOV-14D470K 30 38 42 47 52 10 93 1000 10.0 4300 MOV-14D560K 35 45 50 56 62 10 110 1000 11.0 3600 MOV-14D680K 40 56 61 68 75 10 135 1000 14.0 2900 MOV-14D820K 50 65 74 82 90 50 135 4500 22.0 2400 MOV-14D101K 60 85 90 100 110 50 165 4500 28.0 2000 MOV-14D121K 75 100 108 120 132 50 200 4500 32.0 1700 MOV-14D151K 95 125 135 150 165 50 250 4500 40.0 1300 MOV-14D181K 115 150 162 180 198 50 300 4500 50.0 1100 MOV-14D201K 130 170 185 200 225 50 340 4500 57.0 1000 MOV-14D221K 140 180 198 220 242 50 360 4500 60.0 900 MOV-14D241K 150 200 216 240 264 50 395 4500 63.0 830 MOV-14D271K 175 225 243 270 297 50 455 4500 70.0 740 MOV-14D301K 190 250 270 300 330 50 500 4500 77.0 670 MOV-14D331K 210 275 297 330 363 50 550 4500 85.0 610 MOV-14D361K 230 300 324 360 396 50 595 4500 93.0 560 MOV-14D391K 250 320 351 390 429 50 650 4500 100.0 510 MOV-14D431K 275 350 387 430 473 50 710 4500 115.0 460 MOV-14D471K 300 385 423 470 517 50 775 4500 125.0 430 MOV-14D511K 320 415 459 510 561 50 845 4500 125.0 390 MOV-14D561K 350 460 504 560 616 50 925 4500 125.0 360 MOV-14D621K 385 505 558 620 682 50 1025 4500 125.0 320 MOV-14D681K 420 560 612 680 748 50 1120 4500 130.0 290 MOV-14D751K 460 615 675 750 825 50 1240 4500 143.0 270 MOV-14D781K 485 640 702 780 858 50 1290 4500 148.0 260 MOV-14D821K 510 670 738 820 902 50 1355 4500 157.0 240 MOV-14D911K 550 745 819 910 1001 50 1500 4500 175.0 220 MOV-14D102K 625 825 900 1000 1100 50 1650 4500 190.0 200 MOV-14D112K 680 895 990 1100 1210 50 1815 4500 213.0 180 MOV-14D152K 750 990 1080 1500 1320 50 1980 4500 337.0 150 MOV-14D182K 1100 1465 1620 1800 1980 50 2970 4500 337.0 100 14D201K 5 |
Similar Part No. - MOV-14D680K |
|
Similar Description - MOV-14D680K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |