Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-14D201K Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MOV-14D201K
Description  Metal Oxide Varistor White goods / appliances Telecom systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-14D201K Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MOV-14D201K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-14D201K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-14D201K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-14D201K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CDDFN5-0504N-TVS/SteeringDiodeArray
Packaging Information
TAPE & REEL
Item
Symbol
14 mm Disc
Reel Outside Diameter
RD
355
(13.98)
Reel Inner Diameter
RD1
30
(11.81)
Tape Width
RW
55
(2.165)
Reel Width
RW1
63
(2.48)
Pitch of Component
P
25.4 ± 1.0
(1.00 ± 0.04)
Feed Hole Pitch
P0
12.7 ± 1.0
(0.50 ± 0.04)
Feed Hole Center to Pitch
P1
8.95 ± 0.7
(0.352 ± 0.3)
Feed Hole Center to Component
Center
P2
12.7 ± 1.0
(0.50 ± 0.04)
Lead to Lead Distance
F
7.50 ± 0.8
(0.30 ± 0.03)
Component Alignment
D
h
4.0 max.
(0.157) max.
Tape Width
W
18.0 ± 0.5
(0.71 ± 0.02)
Hole Down Tape Width
W0
12.0 ± 0.8
(0.47 ± 0.03)
Hole Position
W1
9.0 ± 0.5
(0.35 ± 0.02)
Hole Down Tape Position
W2
3.0 max.
(0.12) max.
Height From Center to
Component Base
H
19.0 ± 1.0
(0.75 ± 0.04)
Seating Plane Height
H0
16.0 ± 0.5
(0.63 ± 0.02)
Component Height
H1
40.0 max.
(1.57) max
Crimp Length
C
2.60 typ.
(0.10) max
Feed Hole Diameter
D0
4.0 ± 0.2
(0.16 ± 0.08)
Total Tape Thickness
t
0.6 ± 0.3
(0.02 ± 0.01)
Length of Clippped Height
L
1.0 max.
(0.04) max
Quantity per Reel
MOV-14D180K – 14D391K
MOV-14D431K - 14D182K
-
1000
500
REV. 10/12
Specificationsaresubjecttochangewithoutnotice.
Customersshouldverifyactualdeviceperformanceintheirspecificapplications.
MOV-14DxxxKSeries-MetalOxideVaristor
RD1
RD
RW
RW1
H1
H
W0
W1
t
F
P0
P1
D0
L
P2
P
h
W2
W
RD1
RD
RW
RW1
H1
H
W0
W1
t
F
P0
P1
D0
L
P2
P
W2
W
h
DIMENSIONS:
MM
(INCHES)
BULK
250.0
(9.84)
170.0
(6.69)
60.0
(2.36)
QUANTITY:
MOV-14D180K - MOV14D391K = 1000 PCS. PER BOX
MOV-14D431K - MOV14D182K = 500 PCS. PER BOX
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
NOTE: Models MOV-14D911K, 102K, 112K, 152K and 182K are not available
in Tape & Reel packaging.


Similar Part No. - MOV-14D201K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-14D201K BOURNS-MOV-14D201K Datasheet
309Kb / 4P
   Metal Oxide Varistor
More results

Similar Description - MOV-14D201K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com