Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C6V2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZT52C6V2
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT52C6V2 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZT52C6V2 Datasheet HTML 1Page - Vishay Siliconix BZT52C6V2 Datasheet HTML 2Page - Vishay Siliconix BZT52C6V2 Datasheet HTML 3Page - Vishay Siliconix BZT52C6V2 Datasheet HTML 4Page - Vishay Siliconix BZT52C6V2 Datasheet HTML 5Page - Vishay Siliconix BZT52C6V2 Datasheet HTML 6Page - Vishay Siliconix BZT52C6V2 Datasheet HTML 7Page - Vishay Siliconix BZT52C6V2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BZT52-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 26-Feb-13
1
Document Number: 85760
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Zener Diodes
FEATURES
• Silicon planar Zener diodes
• The Zener voltages are graded according to the
international E24 standard
• AEC-Q101 qualified
• ESD capability according to AEC-Q101:
Human body model > 8 kV
Machine model > 800 V
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
2.4 to 75
V
Test current IZT
2.5; 5
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
BZT52-series
BZT52C2V4-E3-08 to BZT52C75-E3-08
3000 (8 mm tape on 7" reel)
15 000/box
BZT52B2V4-E3-08 to BZT52B75-E3-08
BZT52C2V4-HE3-08 to BZT52C75-HE3-08
BZT52B2V4-HE3-08 to BZT52B75-HE3-08
BZT52C2V4-E3-18 to BZT52C75-E3-18
10 000 (8 mm tape on 13" reel)
10 000/box
BZT52B2V4-E3-18 to BZT52B75-E3-18
BZT52C2V4-HE3-18 to BZT52C75-HE3-18
BZT52B2V4-HE3-18 to BZT52B75-HE3-18
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING CONDITIONS
SOD-123
10.3 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Diode on ceramic substrate 0.7 mm; 5 mm2
pad areas
Ptot
500
mW
Diode on ceramic substrate 0.7 mm; 2.5 mm2
pad areas
Ptot
410
mW
Zener current
See table “Electrical Characteristics “
Thermal resistance junction to ambient air
Valid provided that electrodes are kept at
ambient temperature
RthJA
300
K/W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Operating temperature range
Top
- 55 to + 150
°C


Similar Part No. - BZT52C6V2

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BZT52C6V2 WINNERJOIN-BZT52C6V2 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Diodes Incorporated
BZT52C6V2 DIODES-BZT52C6V2 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Vishay Siliconix
BZT52C6V2 VISHAY-BZT52C6V2 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Guangdong Kexin Industr...
BZT52C6V2 KEXIN-BZT52C6V2 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Microdiode Electronics ...
BZT52C6V2 CHENDA-BZT52C6V2 Datasheet
902Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C6V2

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com