Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOV-14D152K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MOV-14D152K
Description  Metal Oxide Varistor White goods / appliances Telecom systems
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MOV-14D152K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MOV-14D152K Datasheet HTML 1Page - Bourns Electronic Solutions MOV-14D152K Datasheet HTML 2Page - Bourns Electronic Solutions MOV-14D152K Datasheet HTML 3Page - Bourns Electronic Solutions MOV-14D152K Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
n
Highvoltagerating
n
Highcurrentrating
n
Bidirectional
n
Surgeprotection
n
Fastresponsetime
n
RoHScompliant*
n
Agencylisting:
Applications
n
Powersupplies
n
Powersystems
n
Linevoltage
n
Telecomsystems
n
Whitegoods/appliances
MOV-14DxxxKSeries-MetalOxideVaristor
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Customersshouldverifyactualdeviceperformanceintheirspecificapplications.
Industry Standard Compliance
Standard
UL 1449
File Number
E313168
General Information
The MOV-14DxxxK Series of 14 mm radial leaded varistor devices protects
against overvoltage transients such as lightning, power contact and power
induction. The metal oxide varistors offer a choice of varistor voltages from
18 V to 1800 V and Vrms voltages from 11 V to 1100 V.
The devices have a high current handling, high energy absorption capability
and fast response times to protect against transient faults up to rated limits.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Temperature
TOPR
-40
25
+85
˚C
Storage Temperature
TSTG
-40
25
+125
˚C
Rated Wattage
Pw
0.60
Watt
Varistor Voltage Temperature Coefficient
VTC
0
0.1
0.05
% / ˚C
Response Time
Tr
10
25
ns
Varistor Voltage Tolerance
Vtol
-10
0
10
%
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Bourns Part No.
Max. Continuous
Voltage (V)
Voltage @ 1 mA DC
(V)
Voltage @ Class Current Max. Peak
Current
Max.
Energy
Max. Cap.
(8/20 μs)
(8/20 μs)
(J)
(pF)
r.m.s.
d.c.
Min.
Nom.
Max.
Class
Current
(A)
Max.
Clamping
Voltage (V)
One
Time
8/20 μs
1 kHz
MOV-14D180K
11
14
16
18
20
10
36
1000
4.0
11100
MOV-14D220K
14
18
20
22
24
10
43
1000
5.0
9100
MOV-14D270K
17
22
24
27
30
10
53
1000
6.0
7400
MOV-14D330K
20
26
30
33
36
10
65
1000
7.5
6100
MOV-14D390K
25
31
35
39
43
10
77
1000
8.6
5100
MOV-14D470K
30
38
42
47
52
10
93
1000
10.0
4300
MOV-14D560K
35
45
50
56
62
10
110
1000
11.0
3600
MOV-14D680K
40
56
61
68
75
10
135
1000
14.0
2900
MOV-14D820K
50
65
74
82
90
50
135
4500
22.0
2400
MOV-14D101K
60
85
90
100
110
50
165
4500
28.0
2000
MOV-14D121K
75
100
108
120
132
50
200
4500
32.0
1700
MOV-14D151K
95
125
135
150
165
50
250
4500
40.0
1300
MOV-14D181K
115
150
162
180
198
50
300
4500
50.0
1100
MOV-14D201K
130
170
185
200
225
50
340
4500
57.0
1000
MOV-14D221K
140
180
198
220
242
50
360
4500
60.0
900
MOV-14D241K
150
200
216
240
264
50
395
4500
63.0
830
MOV-14D271K
175
225
243
270
297
50
455
4500
70.0
740
MOV-14D301K
190
250
270
300
330
50
500
4500
77.0
670
MOV-14D331K
210
275
297
330
363
50
550
4500
85.0
610
MOV-14D361K
230
300
324
360
396
50
595
4500
93.0
560
MOV-14D391K
250
320
351
390
429
50
650
4500
100.0
510
MOV-14D431K
275
350
387
430
473
50
710
4500
115.0
460
MOV-14D471K
300
385
423
470
517
50
775
4500
125.0
430
MOV-14D511K
320
415
459
510
561
50
845
4500
125.0
390
MOV-14D561K
350
460
504
560
616
50
925
4500
125.0
360
MOV-14D621K
385
505
558
620
682
50
1025
4500
125.0
320
MOV-14D681K
420
560
612
680
748
50
1120
4500
130.0
290
MOV-14D751K
460
615
675
750
825
50
1240
4500
143.0
270
MOV-14D781K
485
640
702
780
858
50
1290
4500
148.0
260
MOV-14D821K
510
670
738
820
902
50
1355
4500
157.0
240
MOV-14D911K
550
745
819
910
1001
50
1500
4500
175.0
220
MOV-14D102K
625
825
900
1000
1100
50
1650
4500
190.0
200
MOV-14D112K
680
895
990
1100
1210
50
1815
4500
213.0
180
MOV-14D152K
750
990
1080
1500
1320
50
1980
4500
337.0
150
MOV-14D182K
1100
1465
1620
1800
1980
50
2970
4500
337.0
100
14D201K
5


Similar Part No. - MOV-14D152K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MOV-14D152K BOURNS-MOV-14D152K Datasheet
309Kb / 4P
   Metal Oxide Varistor
More results

Similar Description - MOV-14D152K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JVT_AUT ETC-JVT_AUT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
logo
Bourns Electronic Solut...
MOV-14DXXXK BOURNS-MOV-14DXXXK Datasheet
309Kb / 4P
   Metal Oxide Varistor
logo
KOA Speer Electronics, ...
NV73AL KOA-NV73AL Datasheet
312Kb / 4P
   metal oxide varistor
NV73AL1JTTE8R2 KOA-NV73AL1JTTE8R2_11 Datasheet
503Kb / 4P
   metal oxide varistor
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K Datasheet
691Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
JVT ETC-JVT Datasheet
1Mb / 20P
   Metal Oxide Varistor
2022/09/12
G ETC2-G_V01 Datasheet
214Kb / 9P
   Metal Oxide Varistor
logo
Bourns Electronic Solut...
MOV-20D180K BOURNS-MOV-20D180K Datasheet
689Kb / 4P
   Metal Oxide Varistor
logo
List of Unclassifed Man...
Z15D271 ETC2-Z15D271 Datasheet
1Mb / 7P
   METAL OXIDE VARISTOR
logo
Bourns Electronic Solut...
MOV-07D180K BOURNS-MOV-07D180K_V01 Datasheet
560Kb / 5P
   Metal Oxide Varistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com