Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC112 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DDC112
Description  MONOLITHIC CHARGE MEASUREMENT A/D CONVERTER, DIGITAL FILTER NOISE REDUCTION: 3.2ppm, rms
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DDC112 Datasheet(HTML) 5 Page - Texas Instruments

  DDC112 Datasheet HTML 1Page - Texas Instruments DDC112 Datasheet HTML 2Page - Texas Instruments DDC112 Datasheet HTML 3Page - Texas Instruments DDC112 Datasheet HTML 4Page - Texas Instruments DDC112 Datasheet HTML 5Page - Texas Instruments DDC112 Datasheet HTML 6Page - Texas Instruments DDC112 Datasheet HTML 7Page - Texas Instruments DDC112 Datasheet HTML 8Page - Texas Instruments DDC112 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DDC112
5
SBAS085B
www.ti.com
CAP1A
CAP1A
AV
DD
NC
NC
TEST
CONV
CLK
CAP2A
CAP2A
V
REF
AGND
NC
NC
RANGE2 (MSB)
RANGE1
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
DDC112Y
PIN CONFIGURATION
Top View
TQFP
PIN DESCRIPTIONS
PIN
LABEL
DESCRIPTION
1
CAP1A
External Capacitor for Integrator 1A
2
CAP1A
External Capacitor for Integrator 1A
3AVDD
Analog Supply, +5V Nominal
4
NC
No Connection
5
NC
No Connection
6
TEST
Test Control Input. When HIGH, a test charge is
applied to the A or B integrators on the next CONV
transition.
7
CONV
Controls which side of the integrator is connected to
input. In continuous mode; CONV HIGH side A is
integrating, CONV LOW side B is integrating CONV
must be synchronized with CLK (see text).
8
CLK
System Clock Input, 10MHz Nominal
9
DCLK
Serial Data Clock Input. This input operates the
serial I/O shift register.
10
DXMIT
Serial Data Transmit Enable Input. When LOW, this
input enables the internal serial shift register.
11
DIN
Serial Digital Input. Used to cascade multiple
DDC112s.
12
DVDD
Digital Supply, +5V Nominal
13
DGND
Digital Ground
14
DOUT
Serial Data Output, Hi-Z when DXMIT is HIGH
PIN
LABEL
DESCRIPTION
15
DVALID
Data Valid Output. A LOW value indicates valid data is
available in the serial I/O register.
16
RANGE0
Range Control Input 0 (least significant bit)
17
RANGE1
Range Control Input 1
18
RANGE2
Range Control Input 2. (most significant bit)
19
NC
No Connection
20
NC
No Connection
21
AGND
Analog Ground
22
VREF
External Reference Input, +4.096V Nominal
23
CAP2A
External Capacitor for Integrator 2A
24
CAP2A
External Capacitor for Integrator 2A
25
CAP2B
External Capacitor for Integrator 2B
26
CAP2B
External Capacitor for Integrator 2B
27
AGND
Analog Ground
28
IN2
Input 2: analog input for Integrators 2A and 2B. The
integrator that is active is set by the CONV input.
29
IN1
Input 1: analog input for Integrators 1A and 1B. The
integrator that is active is set by the CONV input.
30
AGND
Analog Ground
31
CAP1B
External Capacitor for Integrator 1B
32
CAP1B
External Capacitor for Integrator 1B


Similar Part No. - DDC112

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DDC112 BURR-BROWN-DDC112 Datasheet
210Kb / 24P
   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112 BURR-BROWN-DDC112 Datasheet
362Kb / 18P
   Precision, High-Speed Transimpedance Amplifier
logo
Texas Instruments
DDC112 TI1-DDC112 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112 TI1-DDC112 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112 TI1-DDC112 Datasheet
979Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
More results

Similar Description - DDC112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101 TI-DDC101 Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
logo
NTE Electronics
NTE1795 NTE-NTE1795 Datasheet
19Kb / 2P
   Integrated Circuit RMS Level Sensor for dbx Noise Reduction System
logo
Analog Devices
AD9240 AD-AD9240_17 Datasheet
369Kb / 25P
   Monolithic A/D Converter
AD9225 AD-AD9225_17 Datasheet
988Kb / 26P
   Monolithic A/D Converter
logo
Sony Corporation
CX20099 SONY-CX20099 Datasheet
377Kb / 16P
   NOISE REDUCTION
logo
Sanyo Semicon Device
LC78835K SANYO-LC78835K Datasheet
400Kb / 14P
   18 Bits Digital Filter and D/A Converter for Digital Audio
logo
Sony Corporation
CXD2564AM SONY-CXD2564AM Datasheet
885Kb / 13P
   1-bit Audio D/A Converter (with Digital Filter)
logo
ams AG
AS5850A AMSCO-AS5850A Datasheet
808Kb / 10P
   16-Bit 256-Channel Low Noise Charge-to-Digital Converter
v2-00 2021-Apr-29
logo
NXP Semiconductors
SAA4994H PHILIPS-SAA4994H Datasheet
147Kb / 40P
   Field and line rate converter with noise reduction
2001 Nov 23
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com