Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780001 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # UPD780001
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD780001 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button UPD780001 Datasheet HTML 2Page - Renesas Technology Corp UPD780001 Datasheet HTML 3Page - Renesas Technology Corp UPD780001 Datasheet HTML 4Page - Renesas Technology Corp UPD780001 Datasheet HTML 5Page - Renesas Technology Corp UPD780001 Datasheet HTML 6Page - Renesas Technology Corp UPD780001 Datasheet HTML 7Page - Renesas Technology Corp UPD780001 Datasheet HTML 8Page - Renesas Technology Corp UPD780001 Datasheet HTML 9Page - Renesas Technology Corp UPD780001 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
4
µPD78P083
Function
ROM
Timer
8-bit
8-bit
Serial Interface
I/O
VDD MIN. External
Part Number
Capacity
8-bit 16-bit Watch WDT A/D
D/A
Value
Expansion
Control
µPD78078
32 K to 60 K 4ch
1ch
1ch
1ch
8ch
2ch
3ch (UART: 1ch)
88
1.8 V
Available
µPD78070A
61
2.7 V
µPD78058F 48 K to 60 K 2ch
69
µPD78054
16 K to 60 K
2.0 V
µPD78018F 8 K to 60 K
2ch
53
1.8 V
µPD78014
8 K to 32 K
2.7 V
µPD780001 8 K
1ch
39
µPD78002
8 K to 16 K
1ch
53
Available
µPD78083
8ch
1ch (UART: 1ch)
33
1.8 V
FIP drive
µPD780208 32 K to 60 K 2ch
1ch
1ch
1ch
8ch
2ch
74
2.7 V
µPD78044A 16 K to 40 K
68
µPD78024
24 K to 32 K
54
LCD drive
µPD780308 48 K to 60 K 2ch
1ch
1ch
1ch
8ch
3ch (UART: 1ch)
57
1.8 V
µPD78064B 32 K
2ch (UART: 1ch)
2.0 V
µPD78064
16 K to 32 K
IEBus
µPD78098
32 K to 60 K 2ch
1ch
1ch
1ch
8ch
2ch
3ch (UART: 1ch)
69
2.7 V
Available
supported
LV control
µPD78P0914 32 K
6ch
1ch
8ch
2ch
54
4.5 V
Available
The following table shows the differences among subseries functions.


Similar Part No. - UPD780001

ManufacturerPart #DatasheetDescription
logo
NEC
UPD780001 NEC-UPD780001 Datasheet
552Kb / 58P
   8-BIT SINGLE-CHIP MICROCOMPUTER
UPD780001 NEC-UPD780001 Datasheet
1Mb / 26P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD780001 NEC-UPD780001 Datasheet
214Kb / 42P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results

Similar Description - UPD780001

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC863232 SANYO-LC863232 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863264 SANYO-LC863264 Datasheet
656Kb / 20P
   8-Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
MAB84X1 ETC-MAB84X1 Datasheet
977Kb / 31P
   SINGLE CHIP 8 BIT MICROCONTROLLER
logo
Sanyo Semicon Device
LC863432A SANYO-LC863432A Datasheet
627Kb / 19P
   8-Bit Single-Chip Microcontroller
LC864164B SANYO-LC864164B Datasheet
315Kb / 20P
   8-Bit Single Chip Microcontroller?
LC864332A SANYO-LC864332A Datasheet
325Kb / 20P
   8-Bit Single-Chip Microcontroller?
LC86P4164 SANYO-LC86P4164 Datasheet
351Kb / 19P
   8-Bit Single Chip Microcontroller??????
LC86P5032 SANYO-LC86P5032 Datasheet
430Kb / 22P
   8-Bit Single Chip Microcontroller?????????
LC8766C8A SANYO-LC8766C8A Datasheet
681Kb / 23P
   8-Bit Single Chip Microcontroller
logo
NEC
UPD178023 NEC-UPD178023 Datasheet
261Kb / 56P
   8-BIT SINGLE-CHIP MICROCONTROLLER
UPD178076 NEC-UPD178076 Datasheet
366Kb / 72P
   8-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com