Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2121AKFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F2121AKFP
Description  R8C/20 Group, R8C/21 Group RENESAS MCU
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2121AKFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F2121AKFP Datasheet HTML 5Page - Renesas Technology Corp R5F2121AKFP Datasheet HTML 6Page - Renesas Technology Corp R5F2121AKFP Datasheet HTML 7Page - Renesas Technology Corp R5F2121AKFP Datasheet HTML 8Page - Renesas Technology Corp R5F2121AKFP Datasheet HTML 9Page - Renesas Technology Corp R5F2121AKFP Datasheet HTML 10Page - Renesas Technology Corp R5F2121AKFP Datasheet HTML 11Page - Renesas Technology Corp R5F2121AKFP Datasheet HTML 12Page - Renesas Technology Corp R5F2121AKFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
R8C/20 Group, R8C/21 Group
1. Overview
Rev.2.00 Aug 27, 2008
Page 7 of 41
REJ03B0120-0200
1.5
Pin Assignments
Figure 1.4 shows Pin Assignments (Top View).
Figure 1.4
Pin Assignments (Top View)
48
P3_7/SSO
47
P0_0/AN7
46
P0_1/AN6
45
P0_2/AN5
44
P0_3/AN4
43
P6_1
42
P6_2
41
P6_0/TREO
40
P4_2/VREF
39
P0_4/AN3
38
P0_5/AN2
37
P0_6/AN1
13
14
15
16
17
18
19
20
21
22
23
24
P2_6/TRDIOC1
P2_5/TRDIOB1
P2_4/TRDIOA1
P2_3/TRDIOD0
P2_2/TRDIOC0
P2_1/TRDIOB0
P2_0/TRDIOA0/TRDCLK
P1_7/TRAIO/INT1
P1_6/CLK0
P1_5/RXD0/(TRAIO)/(INT1)(2)
P1_4/TXD0
P1_3/KI3/AN11
Pin assignments (top view)
Package: PLQP0048KB-A
0.5 mm pin pitch, 7 mm square body
R8C/20 Group,
R8C/21 Group
NOTES:
1. P4_7 is an input-only port.
2. Can be assigned to the pin in parentheses by a program.
3. Confirm the pin 1 position on the package by referring to the package dimensions.


Similar Part No. - R5F2121AKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2121AKFP RENESAS-R5F2121AKFP Datasheet
4Mb / 501P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results

Similar Description - R5F2121AKFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
   R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
   R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
   R8C/33T Group
R8C34U RENESAS-R8C34U_15 Datasheet
854Kb / 95P
   The R8C/34U Group, R8C/34K Group of single-chip MCUs incorporates the R8C CPU core,
R8C2E RENESAS-R8C2E Datasheet
3Mb / 354P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2K RENESAS-R8C2K Datasheet
4Mb / 471P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C20 RENESAS-R8C20 Datasheet
4Mb / 501P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2A RENESAS-R8C2A Datasheet
6Mb / 609P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C2H RENESAS-R8C2H Datasheet
3Mb / 367P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
R8C23 RENESAS-R8C23 Datasheet
5Mb / 549P
   RENESAS MCU R8C FAMILY / R8C/2x SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com