Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9961802VXC Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962F9961802VXC
Description  Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9961802VXC Datasheet(HTML) 3 Page - Intersil Corporation

  5962F9961802VXC Datasheet HTML 1Page - Intersil Corporation 5962F9961802VXC Datasheet HTML 2Page - Intersil Corporation 5962F9961802VXC Datasheet HTML 3Page - Intersil Corporation 5962F9961802VXC Datasheet HTML 4Page - Intersil Corporation 5962F9961802VXC Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HS-201HSRH, HS-201HSEH
3
FN4874.2
June 24, 2013
Die Characteristics
DIE DIMENSIONS
2790µm x 4950µm (110 mils x 195 mils)
Thickness: 483µm ±25.4µm (19 mils ±1 mil)
INTERFACE MATERIALS
Glassivation
Type: Phosphorus Silicon Glass (PSG)
Thickness: 8.0k
Å ±1.0kÅ
Metallization
Type: Ti/AlCu
Thickness: 16.0k
Å ± 2kÅ
Substrate
Rad Hard Silicon Gate, Dielectric Isolation
Backside Finish
Silicon
ASSEMBLY RELATED INFORMATION
Substrate Potential
Unbiased (DI)
ADDITIONAL INFORMATION
Worst Case Current Density
<2.0 x 105 A/cm2
Transistor Count
328
Metallization Mask Layout
OUT4
IN4
GND
V-
IN1
A4
A3
A1
A2
OUT3
IN3
V+
IN2
OUT2
OUT1


Similar Part No. - 5962F9961802VXC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962F9961802VXC RENESAS-5962F9961802VXC Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
More results

Similar Description - 5962F9961802VXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH_06 Datasheet
239Kb / 4P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
61Kb / 2P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
HS-201HSRH RENESAS-HS-201HSRH Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
   High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. G, 25-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com