Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962F9961801QXC Datasheet(PDF) 1 Page - Intersil Corporation

Part # 5962F9961801QXC
Description  Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962F9961801QXC Datasheet(HTML) 1 Page - Intersil Corporation

  5962F9961801QXC Datasheet HTML 1Page - Intersil Corporation 5962F9961801QXC Datasheet HTML 2Page - Intersil Corporation 5962F9961801QXC Datasheet HTML 3Page - Intersil Corporation 5962F9961801QXC Datasheet HTML 4Page - Intersil Corporation 5962F9961801QXC Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Radiation Hardened High Speed, Quad SPST, CMOS
Analog Switch
HS-201HSRH, HS-201HSEH
The HS-201HSRH, HS-201HSEH are monolithic CMOS analog
switch featuring power-off high input impedance, very fast
switching speeds and low ON-resistance. Fabrication on our
DI RSG process assures SEL immunity and only very slight
sensitivity to low dose rate (ELDRS). These Class V/Q devices
are tested and guaranteed for 300krad (Si) total dose
performance.
Power-off high input impedance enables the use of this device
in redundant circuits without causing data bus signal
degradation. ESD protection, overvoltage protection, fast
switching times, low ON-resistance, and guaranteed radiation
hardness, make the HS-201HSRH ideal for any space
application where improved switching performance is
required.
Specifications for Rad Hard QML devices are controlled by the
Defense Logistics Agency Land and Maritime (DLA). The SMD
numbers listed below must be used when ordering.
Detailed Electrical Specifications for these devices are
contained in SMD 5962-99618. A “hot-link” is provided on our
homepage for downloading.
Features
• Electrically screened to DLA SMD# 5962-99618
• QML qualified per MIL-PRF-38535
• Radiation performance
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 300krad(Si)
- Low dose rate (0.01rad(SI)/s) . . . . . . . . . . . . . . 50krad(Si)
- SEL immune . . . . . . . . . . . . . . . . . . . . . . . . . DI RSG process
• Overvoltage protection (power on, switch off) . . . . . . . . . . . ±30V
• Power off high impedance . . . . . . . . . . . . . . . . . . . . . . . . ±17V
• Fast switching times
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 110ns (max)
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80ns (max)
• Low “ON” resistance . . . . . . . . . . . . . . . . . . . . . . . . 50
Ω (max)
• Pin compatible with industry standard 201 types
• Operating supply range . . . . . . . . . . . . . . . . . . . . . . .±10V to ±15V
• Wide analog voltage range (
±15V supplies) . . . . . . . . . . . . ±15V
• TTL compatible
Applications
• High speed multiplexing
• Sample and hold circuits
• Digital filters
• Operational amplifier gain switching networks
Integrator reset circuits
Pin Configuration
HS1-201HSRH, HS1-201HSEH SBDIP (CDIP2-T16)
HS9-201HSRH, HS9-201HSEH FLATPACK (CDFP4-F16)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A1
OUT1
IN1
V-
GND
IN4
A4
OUT4
A2
IN2
V+
NC
IN3
OUT3
A3
OUT2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2000, 2006, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
June 24, 2013
FN4874.2


Similar Part No. - 5962F9961801QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962F9961801QXC INTERSIL-5962F9961801QXC Datasheet
61Kb / 2P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
5962F9961801QXC RENESAS-5962F9961801QXC Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
More results

Similar Description - 5962F9961801QXC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-201HSRH INTERSIL-HS-201HSRH_06 Datasheet
239Kb / 4P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
HS-201HSRH INTERSIL-HS-201HSRH Datasheet
61Kb / 2P
   Radiation Hardened High Speed, Quad SPST, CMOS Analog Switch
logo
Renesas Technology Corp
HS-201HSRH RENESAS-HS-201HSRH Datasheet
353Kb / 7P
   Radiation Hardened High Speed, Quad SPST, BiCMOS Analog Switch
February 21, 2017
logo
Analog Devices
ADG201S AD-ADG201S Datasheet
496Kb / 7P
   High Speed Quad SPST CMOS Analog Switch
logo
Renesas Technology Corp
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
   High Speed, Quad SPST, CMOS Analog Switch
September 2004
logo
Intersil Corporation
HI-201HS INTERSIL-HI-201HS_04 Datasheet
695Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
HI-201HS INTERSIL-HI-201HS Datasheet
253Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
July 1999
HI-201H INTERSIL-HI-201H Datasheet
747Kb / 11P
   High Speed, Quad SPST, CMOS Analog Switch
logo
TEMIC Semiconductors
DG201HS TEMIC-DG201HS Datasheet
107Kb / 8P
   High-Speed Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG201HS VISHAY-DG201HS_08 Datasheet
124Kb / 9P
   High-Speed Quad SPST CMOS Analog Switch
Rev. G, 25-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com