Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5363B Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1N5363B
Description  5 Watt Zener Diode 5.1 to 51 Volts Epoxy meets UL 94 V-0 flammability rating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N5363B Datasheet(HTML) 1 Page - Micro Commercial Components

  1N5363B Datasheet HTML 1Page - Micro Commercial Components 1N5363B Datasheet HTML 2Page - Micro Commercial Components 1N5363B Datasheet HTML 3Page - Micro Commercial Components 1N5363B Datasheet HTML 4Page - Micro Commercial Components 1N5363B Datasheet HTML 5Page - Micro Commercial Components 1N5363B Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1N5338B
THRU
1N5369B
5 Watt
Zener Diode
5.1 to 51 Volts
Features
Zener Voltage From 5.1V to 51V
Operating Temperature: -55 C to +150 C
Storage Temperature: -55 C to +150 C
5 Watt DC Power Dissipation
Maximum Forward Voltage @ 1A: 1.2 Volts
Power Derating: 40 mW/
Above 75
Mechanical
Data
Case: JEDEC DO-15.
Terminals: Solder plated , solderable per MIL-STD-750,
Method 2026.
Standard Packaging: 52mm tape
DO-15
A
B
C
D
D
Cathode
Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.230
.300
5.80
7.60
B
.104
.140
2.60
3.60
C
.026
.034
.70
.90
D
1.000
---
25.40
---
Marking : Cathode band and type number
www.mccsemi.com
1 of 6
Maximum thermal resistence: 25C/W from junction to ambient
Maximum Ratings:
Lead Free Finish/RoHS Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Similar Part No. - 1N5363B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5363B MICROSEMI-1N5363B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Motorola, Inc
1N5363B MOTOROLA-1N5363B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Semikron International
1N5363B SEMIKRON-1N5363B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Shenzhen Luguang Electr...
1N5363B LUGUANG-1N5363B Datasheet
2Mb / 5P
   Zener Diodes
logo
EIC discrete Semiconduc...
1N5363B EIC-1N5363B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5363B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RB521S-30-TP ETC2-RB521S-30-TP Datasheet
268Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Micro Commercial Compon...
SK52AFL MCC-SK52AFL Datasheet
637Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
UF4007-TP MCC-UF4007-TP Datasheet
259Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
1N4004W MCC-1N4004W Datasheet
479Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Shanghai Leiditech Elec...
BC846 LEIDITECH-BC846 Datasheet
595Kb / 5P
   Epoxy meets UL-94 V-0 flammability rating
ES2A LEIDITECH-ES2A Datasheet
512Kb / 3P
   Epoxy meets UL 94 V-0 flammability rating
logo
Micro Commercial Compon...
1N5339B-TP MCC-1N5339B-TP Datasheet
333Kb / 6P
   5 Watt Zener Diode 5.1 to 51 Volts
DL5918B MCC-DL5918B Datasheet
219Kb / 3P
   1.5 Watt Zener Diode 5.1 to 51 Volts
logo
Marathon Special Produc...
R6T30AXS MARATHON-R6T30AXS Datasheet
481Kb / 3P
   Flammability rating of insulator base: UL 94 V-0
REV-D 05/30/2019
135X706 MARATHON-135X706 Datasheet
273Kb / 4P
   Flammability rating of insulator base: UL 94 V-0
REV-E 11/25/2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com