Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95839HRTZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL95839HRTZ
Description  Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL95839HRTZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL95839HRTZ Datasheet HTML 7Page - Intersil Corporation ISL95839HRTZ Datasheet HTML 8Page - Intersil Corporation ISL95839HRTZ Datasheet HTML 9Page - Intersil Corporation ISL95839HRTZ Datasheet HTML 10Page - Intersil Corporation ISL95839HRTZ Datasheet HTML 11Page - Intersil Corporation ISL95839HRTZ Datasheet HTML 12Page - Intersil Corporation ISL95839HRTZ Datasheet HTML 13Page - Intersil Corporation ISL95839HRTZ Datasheet HTML 14Page - Intersil Corporation ISL95839HRTZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
ISL95839
11
FN8315.0
May 9, 2013
Figure 6 shows the operation principles during load insertion
response. The COMP voltage rises during load insertion,
generating the master clock signal more quickly, so the PWM
pulses turn on earlier, increasing the effective switching
frequency, which allows for higher control loop bandwidth than
conventional fixed frequency PWM controllers. The VW voltage
rises as the COMP voltage rises, making the PWM pulses wider.
During load release response, the COMP voltage falls. It takes
the master clock circuit longer to generate the next master clock
signal so the PWM pulse is held off until needed. The VW voltage
falls as the COMP voltage falls, reducing the current PWM pulse
width. This kind of behavior gives the controller excellent
response speed.
The fact that all the phases share the same VW window voltage
also ensures excellent dynamic current balance among phases.
Diode Emulation and Period Stretching
ISL95839 can operate in diode emulation (DE) mode to improve
light load efficiency. In DE mode, the low-side MOSFET conducts
when the current is flowing from source to drain and doesn’t allow
reverse current, emulating a diode. As Figure 7 shows, when
LGATE is on, the low-side MOSFET carries current, creating
negative voltage on the phase node due to the voltage drop across
the ON-resistance. The controller monitors the current through
monitoring the phase node voltage. It turns off LGATE when the
phase node voltage reaches zero to prevent the inductor current
from reversing the direction and creating unnecessary power loss.
If the load current is light enough, as Figure 7 shows, the inductor
current will reach and stay at zero before the next phase node
pulse and the regulator is in discontinuous conduction mode
(DCM). If the load current is heavy enough, the inductor current
will never reach 0A, and the regulator is in CCM although the
controller is in DE mode.
Figure 8 shows the operation principle in diode emulation mode at
light load. The load gets incrementally lighter in the three cases
from top to bottom. The PWM on-time is determined by the VW
window size, therefore is the same, making the inductor current
triangle the same in the three cases. The controller clamps the
master ripple capacitor voltage Vcrm and the slave ripple capacitor
voltage Vcrs in DE mode to make it mimic the inductor current. It
takes the Vcrm longer to hit COMP, naturally stretching the
switching period. The inductor current triangles move further apart
from each other such that the inductor current average value is
equal to the load current. The reduced switching frequency helps
increase light load efficiency.
FIGURE 5. R3
MODULATOR OPERATION PRINCIPLES IN
STEADY STATE
COMP
Vcrm
M aster
Clock
PW M 1
VW
Clock1
PW M 2
Clock2
HYSTERETIC
WINDOW
PW M 3
Vcrs3
Clock3
Vcrs2
Vcrs1
VW
FIGURE 6. R3
MODULATOR OPERATION PRINCIPLES IN LOAD
INSERTION RESPONSE
COMP
Vcrm
Master
Clock
PWM1
Vcrs1
VW
Clock1
PWM2
Vcrs2
Clock2
PWM3
Clock3
Vcrs3
VW
UGAT E
P h ase
IL
LG A T E
FIGURE 7. DIODE EMULATION


Similar Part No. - ISL95839HRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95839HRTZ RENESAS-ISL95839HRTZ Datasheet
2Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
More results

Similar Description - ISL95839HRTZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL95839 RENESAS-ISL95839 Datasheet
2Mb / 36P
   Dual 31 PWM Controller with Current Monitor for IMVP-7/VR12??CPUs
ISL95833B RENESAS-ISL95833B Datasheet
194Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
ISL95833 RENESAS-ISL95833 Datasheet
183Kb / 2P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
Rev 2.00
logo
Intersil Corporation
ISL95833 INTERSIL-ISL95833 Datasheet
164Kb / 3P
   Dual 21 PWM Controller for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95838 RENESAS-ISL95838 Datasheet
196Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12??CPUs
ISL95836 RENESAS-ISL95836 Datasheet
186Kb / 2P
   Dual 32 PWM Controller for IMVP-7/VR12™ CPUs
March 14, 2012
ISL95831C RENESAS-ISL95831C Datasheet
190Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12??CPUs
logo
Intersil Corporation
ISL95831IRTZ INTERSIL-ISL95831IRTZ Datasheet
159Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12 CPUs
logo
Renesas Technology Corp
ISL95831 RENESAS-ISL95831 Datasheet
181Kb / 2P
   31 Voltage Regulator for IMVP-7/VR12™ CPUs
December 22, 2011
logo
Intersil Corporation
ISL95835HRZ INTERSIL-ISL95835HRZ Datasheet
96Kb / 2P
   31 and 11 Voltage Regulator for IMVP-7/VR12??CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com