Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJW4186-T1 Datasheet(PDF) 11 Page - New Japan Radio

Part # NJW4186-T1
Description  High Voltage Io=500mA Adjustable Low Dropout Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4186-T1 Datasheet(HTML) 11 Page - New Japan Radio

Back Button NJW4186-T1 Datasheet HTML 7Page - New Japan Radio NJW4186-T1 Datasheet HTML 8Page - New Japan Radio NJW4186-T1 Datasheet HTML 9Page - New Japan Radio NJW4186-T1 Datasheet HTML 10Page - New Japan Radio NJW4186-T1 Datasheet HTML 11Page - New Japan Radio NJW4186-T1 Datasheet HTML 12Page - New Japan Radio NJW4186-T1 Datasheet HTML 13Page - New Japan Radio NJW4186-T1 Datasheet HTML 14Page - New Japan Radio NJW4186-T1 Datasheet HTML 15Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NJW4186-T1
- 11 -
Ver.2013-06-25
NJW4186_5.0V
Load Regulation vs. Output Current
-240
-220
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
100
200
300
400
500
600
700
Output Current : IOUT [mA]
@Ta=25°C
VIN=6.0V
Co=2.2uF
R1=500kΩ
R2=1440kΩ
NJW4186_5.0V
Peak Output Current vs. Input Voltage
0
250
500
750
1000
1250
1500
0
5
10
15
20
25
30
35
40
45
Input Voltage :VIN [V]
@Ta=25°C
VOUT*0.9
Co=2.2uF
R1=500kΩ
R2=1440kΩ
NJW4186_5.0V
Dropout Voltage vs. Output Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
100 200 300 400 500 600 700 800 900
Output Current :IOUT [mA]
@Ta=25°C
Co=2.2uF
R1=500kΩ
R2=1440kΩ
NJW4186_5.0V
Ripple Rejection Ratio vs. Frequency
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
Frequency :f [Hz]
@Ta=25°C
VIN=6V
Co=2.2uF
eIN=200mVrms
IO=10uA
IO=200mA
IO=30mA
IO=500mA
NJW4186_5.0V
Ripple Rejection Ratio vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
1M
Output Current :IOUT [A]
@Ta=25°C
VIN=6V
Co=2.2uF
eIN=200mVrms
f=10kHz
f=1kHz
10µ
100µ
1m
10m
100m
1
NJW4186_5.0V
Equivalent Series Resistance vs. Output Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
Output Current : IOUT [mA]
STABLE REGION
R1=500k
@Ta=25°C
VIN=6.0V
CO=2.2uF
R1=5kΩ
R1=50kΩ
R1=500k
R1=5kΩ
R1=50kΩ


Similar Part No. - NJW4186-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4186 NJRC-NJW4186 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
NJW4186DL3 NJRC-NJW4186DL3 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
More results

Similar Description - NJW4186-T1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4185 NJRC-NJW4185_13 Datasheet
207Kb / 11P
   High Voltage Io=500mA Low Dropout Regulator
NJW4185 NJRC-NJW4185 Datasheet
152Kb / 1P
   40V Io=500mA Low dropout Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Linear Technology
LT3085 LINER-LT3085 Datasheet
289Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_10 Datasheet
297Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
LT3085 LINER-LT3085_15 Datasheet
302Kb / 28P
   Adjustable 500mA Single Resistor Low Dropout Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com