Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1255DD65R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1255DD65R2G
Description  Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1255DD65R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1255DD65R2G Datasheet HTML 1Page - ON Semiconductor NCP1255DD65R2G Datasheet HTML 2Page - ON Semiconductor NCP1255DD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1255DD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1255DD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1255DD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1255DD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1255DD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1255DD65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
NCP1255
http://onsemi.com
2
Figure 1. Typical Application Example
Eris
Vbulk
.
.
ramp
comp.
OPP
Vout
OVP
.
1
2
3
4
5
8
6
7
Eris
BO
NCP1255
Table 1. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Function
Pin Description
1
OPP/OVP
Adjust the Over Power Protection.
Latches off the part
A resistive divider from the auxiliary winding to this pin sets the
OPP compensation level. When brought above 3 V, the part is fully
latched off.
2
FB
Feedback pin
Hooking an optocoupler collector to this pin will allow regulation.
3
CS
Current sense + ramp
compensation
This pin monitors the primary peak current but also offers a means
to introduce ramp compensation.
4
GND
The controller ground.
5
DRV
Driver output
The driver’s output to an external MOSFET gate.
6
Vcc
Supplies the controller
This pin is connected to an external auxiliary voltage and supplies
the controller. When above a certain level, the part fully latches off.
7
BO
Brown−Out input
A voltage below the programmed level stops the controller. When
above, the controller can start.
8
Timer
Sets the timer duration
A 22−kW resistor sets the duration to 200 ms. When shorted to
ground or made open, this pin limits the internal current and fixes
the timer duration.
Table 2. ORDERING INFORMATION AND OPTIONS
Controller
Frequency
OCP Latched
OCP Auto−Recovery
VBOoff (V)
Package
Shipping
NCP1255AD65R2G
65 kHz
Yes
No
0.6
SOIC−8
(Pb−Free)
2500 / Tape
& Reel
NCP1255BD65R2G
65 kHz
No
Yes
0.6
NCP1255CD65R2G
65 kHz
Yes
No
0.7
NCP1255DD65R2G
65 kHz
No
Yes
0.7
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.


Similar Part No. - NCP1255DD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1255 ONSEMI-NCP1255 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
More results

Similar Description - NCP1255DD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1254 ONSEMI-NCP1254 Datasheet
376Kb / 25P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
March, 2013 ??Rev. P1
NCP1255 ONSEMI-NCP1255_12 Datasheet
418Kb / 22P
   Current-Mode PWM Controller for Off-line Power Supplies featuring Peak Power Excursion
December, 2012 ??Rev. P0
NCP1200A ONSEMI-NCP1200A Datasheet
136Kb / 16P
   PWM Current-Mode Controller for Universal Off-Line Supplies Featuring Low Standby Power
October, 2004??Rev. 5
NCP1249C ONSEMI-NCP1249C Datasheet
1Mb / 33P
   High-Voltage CurrentMode PWM Controller Featuring Peak Power Excursion
September, 2013 ??Rev. 0
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP12510 ONSEMI-NCP12510 Datasheet
607Kb / 27P
   Current-Mode PWM Controller for Off-line Power Supplies
September, 2016 ??Rev. 1
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com