Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1W-OD232 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CS1W-OD232
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-OD232 Datasheet(HTML) 3 Page - Omron Electronics LLC

  CS1W-OD232 Datasheet HTML 1Page - Omron Electronics LLC CS1W-OD232 Datasheet HTML 2Page - Omron Electronics LLC CS1W-OD232 Datasheet HTML 3Page - Omron Electronics LLC CS1W-OD232 Datasheet HTML 4Page - Omron Electronics LLC CS1W-OD232 Datasheet HTML 5Page - Omron Electronics LLC CS1W-OD232 Datasheet HTML 6Page - Omron Electronics LLC CS1W-OD232 Datasheet HTML 7Page - Omron Electronics LLC CS1W-OD232 Datasheet HTML 8Page - Omron Electronics LLC CS1W-OD232 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 70 page
background image
The CS1 provides a high level of space
efficiency. As many as 960 I/O points can
be controlled by simply mounting ten Basic
I/O Units, with 96 I/O points each, to the
CPU Rack. Alternatively, as many as 80
analog I/O points can be used by mounting
five Analog Input Units and five Analog
Output Units.
Wide Lineup Makes It Easy to Build the Optimum System
Large Capacity CPU Units for
Greater Component Control Power
Two Series of Expansion Racks Up to 50 m Long for
Long-distance Expansion with Up to 72 Units and 7 Racks
Control Up to 960 Points with
Units Mounted to the CPU Rack
Use the improved SYSMAC CS1 PLCs to
scale advanced systems to the optimum size.
11
With an expansion capacity
of up to 80 Units and 7
Racks over a distance of
12 meters, the CS1 can
meet large-scale control
needs. Alternatively, an I/O
Control Unit and I/O
Interface Units can be used
to connect two series of CS1
Longdistance Expansion
Racks extending up to 50
m each and containing a
total of up to 72 Units and 7
Racks. CS1 Basic I/O Units,
CS1 Special I/O Units, and
CS1 CPU Bus Units can be
mounted anywhere on the
Racks and programmed
without being concerned
about special remote
programming requirements.
Note: C200H Units cannot be
mounted on the Longdistance
Expansion Racks.
The CS1 CPU Units boast amazing capacity
with up to 5,120 I/O points, 250 Ksteps of
programming, 448 Kwords of data memory
(including expanded data memory) and
4,096 timers/counters each. With a large
programming capacity, CS1 PLCs are not
only ideal for large-scale systems but easily
handle value-added applications and other
advanced data processing.
A total of nine CPU Unit models provide for
a wide range of applications, from
small-scale systems to large. The lineup
also includes Memory Cards, Serial
Communications Boards, and a wide
selection of Special I/O Units that can be
used with any CPU Units to flexibly build the
system that meets the requirements.
0.3 ms
Ten I/O Units of 96 points each
Five Analog Output
Units of 8 points each
Five Analog Input Units
of 8 points each
9 Units
Terminating Resistor
50 m
50 m
I/O Interface Unit
I/O Control Unit
CPU
2 Series of
Expansion Racks;
Up to 7 Racks Total
Program
Capacity
250 K
steps
120 K
steps
60 K
steps
30 K
steps
20 K
steps
10 K
steps
Product lineup (Example: LD instruction processing speed, DM capacity)
Number of
I/O points
960 pts
1,280 pts
5,120 pts
Faster Instruction Execution and Faster Overall Performance
In addition to further improvements to the
instruction execution engine, which is the
core of overall PLC performance, the
high-speed RISC chip has been upgraded to
realize the fastest instruction execution
performance in the industry. Also, the new
models have a mode where instruction
execution and peripheral processing are
processed in parallel, enabling balanced
improvements in overall speed.
Common Processing
PCMIX Value
LD Instruction Processing Speed
Cycle Time (
)
OUT Instruction Processing Speed
Subroutine Processing Speed
16
20 ns
20 ns
2.1 µs
Basic instructions only: 38 Ksteps/ms
Including special instructions: 22 Ksteps/ms
Cycle time for 128 inputs
and 128 outputs
The data transfer rate between the CPU
Unit and certain Units has been doubled to
further improve total system performance.
Special I/O Unit
CPU Unit
System bus
Baud rate
doubled
CPU Unit
CPU Bus
Unit n
DLNK
n
● CIO Area words
allocated to CPU
Bus Units
● DM Area words
allocated for CPU
Bus Units
● Specific Area for
CPU Bus Units
Controller Link Unit
DeviceNet Unit
Serial Communications
Unit
Ethernet Unit
Data links
Remote I/O
Protocol macros
Socket service based
on manipulation of
specific bits.
Immediate
I/O refresh
Refresh function
Unit name
Data exchange
during
communications
cycle
System Bus Baud Rate Doubled
Table data/
text string
processing
Long
execution
time
The cycle is
temporarily extended
when the instruction
is executed.
Variation
Background processing performed over
several cycles to limit the impact on cycle
time and thus reduce variation in cycle time.
Only start of
processing
designated.
Reduced Variation in Cycle Time During Data Processing
Instructions that require long execution time,
such as table data processing instructions
and text string processing instructions, are
processed over multiple cycles to minimize
variations in cycle time and maintain stable
I/O response.
Improved Refresh Performance for Data Links,
Remote I/O Communications, and Protocol Macros
In the past, I/O refresh processing with the
CPU Bus Unit only occurred during I/O
refresh after instructions were executed.
With the new CS1, however, I/O can be
refreshed immediately by using the DLNK
instruction. Immediate refreshing for
processes peculiar to the CPU Bus Unit,
such as for data links and DeviceNet remote
I/O communications, and for allocated CIO
Area/DM Area words when instructions are
executed, means greater refresh
responsiveness for CPU Bus Units.
F-4
F-5
Table data/
text string
processing
(LD: 0.02 µs, DM: 448 Kwords)
(LD: 0.02 µs, DM: 256 Kwords)
(LD: 0.02 µs, DM: 128 Kwords)
(LD: 0.04 µs, DM: 128 Kwords)
(LD: 0.04 µs, DM: 64 Kwords)
(LD: 0.02 µs, DM: 64 Kwords)
(LD: 0.02 µs, DM: 64 Kwords)
(LD: 0.04 µs, DM: 64 Kwords)
(LD: 0.04 µs, DM: 64 Kwords)


Similar Part No. - CS1W-OD232

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CS1W-BAT01 OMRON-CS1W-BAT01 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-BC023 OMRON-CS1W-BC023 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-BC023 OMRON-CS1W-BC023 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
CS1W-BC033 OMRON-CS1W-BC033 Datasheet
452Kb / 38P
   CS1 Ordering Guide C200H Basic I/O Modules
CS1W-BC033 OMRON-CS1W-BC033 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
More results

Similar Description - CS1W-OD232

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
V23003 TEC-V23003 Datasheet
1Mb / 5P
   Highly reliable multi purpose relay
logo
List of Unclassifed Man...
DVS-3R6D473T ETC2-DVS-3R6D473T Datasheet
166Kb / 2P
   High temperature tolerant -25 to 85??and highly reliable.
DVL-5R5D104T-R5 ETC2-DVL-5R5D104T-R5 Datasheet
330Kb / 3P
   High temperature tolerant -40 to 85??and highly reliable.
logo
Omron Electronics LLC
CP1W-40EDR OMRON-CP1W-40EDR Datasheet
1Mb / 9P
   Compact machine controllers
logo
TXC Corporation.
AH-SERIES TXC-AH-SERIES Datasheet
954Kb / 1P
   High reliable environmental performance.
logo
Toshiba Semiconductor
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
logo
Omron Electronics LLC
G2A-434A-NAC115 OMRON-G2A-434A-NAC115 Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
G2A OMRON-G2A Datasheet
678Kb / 10P
   Highly Reliable, 4-pole Miniature Relay Ideal for Sequence Control
logo
Toshiba Semiconductor
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com