Electronic Components Datasheet Search |
|
CS1W-NC413 Datasheet(PDF) 6 Page - Omron Electronics LLC |
|
CS1W-NC413 Datasheet(HTML) 6 Page - Omron Electronics LLC |
6 / 70 page F-10 F-11 Further improvements to communications functions. Seamless networks increase production site transparency. 44 OMRON offers a full lineup of reliable PLCs including the "flagship" CS1 Series, and ranging from the small scale CP1H to the large-scale CV Series. The CS1 Series meets the needs not only of small-scale to large-scale systems, but of distributed systems as well. This allows the construction of the optimum system for the scale and applications of the production site. Functions for Better Ethernet Support Ethernet is becoming increasingly important standard for information networks. Up to eight socket interfaces for TCP/IP and UDP/IP are supported, in addition to FINS messages, FTP file transfers, and mail notification, so that production management can now be organically linked with the production site. CS1 CS1 CS1 NS Series V8 Hub DeviceNet DeviceNet CompoNet CompoNet Controller Link Ethernet and EtherNet/IP EtherNet/IP CS1 Controller Link Unit CS1 Ethernet Unit and EtherNet/IP Unit EtherNet/IP Unit EtherNet/IP Unit CS1 Ethernet Unit and EtherNet/IP Unit Head office or remote office • Web browser • CX-Programmer Head office, remote office, home, business trip destination • CX-Programmer DeviceNet Unit Controller Link Unit CompoNet Master Unit CompoNet Master Unit Controller Link Unit DeviceNet Unit Flexible System Building Based on the DeviceNet The CS1 Series supports the worldwide multivendor bus standard, DeviceNet. Component connections in a multivendor environment are greatly enhanced by connecting to up to 64 nodes for a wide range of FA applications, and by device profiles and configurator tools that ensure high reliability and easy maintenance. Production systems can be configured even more flexibly by incorporating products such as the MULTIPLE I/O TERMINAL. High-speed, High-capacity Data Links between PLCs via EtherNet/IP EtherNet/IP is supported. EtherNet/IP is a global-standard network that uses cutting-edge general Ethernet technology for control and information network integration. This enables data links between PLCs, data links between a PLC and multi-vendor devices, and communications between PLCs and PTs over a general Ethernet network. CompoNet Greatly Advances Wiring Reductions, Greater Information Handling, and Standardization CompoNet is a multi-vendor network for bit-level control of approximately 1,000 points in 1.0 ms. It supports message communications at the sensor and actuator levels. Maintenance information can be controlled in each Slave for preventative maintenance of equipment. seamless communications system for sending FINS messages across multiple levels of Ethernet and Controller Link networks. Note: For CPU Unit Ver. 2.0 or later. The SYSMAC CS1 enables FINS message communications across a maximum of eight levels (See note.) (using CX-Programmer Ver. 4.0 or higher) in comparison with three levels in previous OMRON systems Expansion up to eight levels lets you build a The Solution for Communicating across Network Levels A Wide Range of Systems, from Small-scale to Large FA Wireless LAN Unit WE70 ID4 GRT1-TBL TS 1 3 0 2 1 3 0 2 1 3 0 2 1 3 0 2 1 3 0 2 TS TS TS TS 1 3 0 2 TS ID4 ID4 OD4 OD4 OD4 END ID4 GRT1-TBL TS 1 3 0 2 1 3 0 2 1 3 0 2 1 3 0 2 1 3 0 2 TS TS TS TS 1 3 0 2 TS ID4 ID4 OD4 OD4 OD4 END |
Similar Part No. - CS1W-NC413 |
|
Similar Description - CS1W-NC413 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |